Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 32Page - Omron Electronics LLC A22Z-R Datasheet HTML 33Page - Omron Electronics LLC A22Z-R Datasheet HTML 34Page - Omron Electronics LLC A22Z-R Datasheet HTML 35Page - Omron Electronics LLC A22Z-R Datasheet HTML 36Page - Omron Electronics LLC A22Z-R Datasheet HTML 37Page - Omron Electronics LLC A22Z-R Datasheet HTML 38Page - Omron Electronics LLC A22Z-R Datasheet HTML 39Page - Omron Electronics LLC A22Z-R Datasheet HTML 40Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
A22E/A22NE-P
37
Safety Precautions
Be sure to read the precautions for All PushButton Switches in the website at:http://www.ia.omron.com/.
Indication and Meaning for Safe Use
Mounting
• Always make sure that the power is turned OFF before wiring the
Switch. Also, do not touch the terminals or other current-carrying
ports while power is being supplied. Electric shock may occur.
• Do not tighten the mounting ring more than necessary using tools
such as pointed-nose pliers. Doing so will damage the mounting
ring. The tightening torque is 0.98 to 1.96 N·m.
• Recommended panel thickness: 1 to 5 mm.
• When mounting the caps after changing the LED or the caps,
tighten the caps at a tightening torque of 0.49 to 0.78 N·m.
Operating Environment
• The IP65 model is designed with a protective structure so that it will
not sustain damage if it is subjected to water from any direction to
the front of the panel.
• The Switch is intended for indoor use only. Using the Switch
outdoor may cause it to fail.
Others
• If the panel is to be coated, make sure that the panel meets the
specified dimensions after coating.
• Due to the structure of the Switch, severe shock or vibration may
cause malfunctions or damage to the Switch.
Also, most Switches are made from resin and will be damaged if
they come into contact with sharp objects. Particularly scratches
on the Operation Unit may create visual and operational
obtrusions.
Handle the Switches with care, and do not throw or drop them.
Precautions
for Safe Use
Supplementary comments on what to do
or avoid doing, to use the product safely.
Precautions for Correct Use
Screwdriver
Hammer
Do not allow the
Switch to drop and hit
the floor.
Do not place or drop
heavy objects on the
Switch.
Do not operate the
Switch with hard or
sharp objects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com