Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 22Page - Omron Electronics LLC A22Z-R Datasheet HTML 23Page - Omron Electronics LLC A22Z-R Datasheet HTML 24Page - Omron Electronics LLC A22Z-R Datasheet HTML 25Page - Omron Electronics LLC A22Z-R Datasheet HTML 26Page - Omron Electronics LLC A22Z-R Datasheet HTML 27Page - Omron Electronics LLC A22Z-R Datasheet HTML 28Page - Omron Electronics LLC A22Z-R Datasheet HTML 29Page - Omron Electronics LLC A22Z-R Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
A22NE-P
26
Application
Mounting to the Panel
(1) Preparing the Panel
(3) Mounting the Operation Unit on the Panel
Panel hole dimension and panel thickness
• If outer surface treatment such as coating is performed for the panel, the panel
dimensions after outer surface treatment must meet the specified panel
dimensions.
When using a A22Z-3360 (Order Separately) Lock Ring
For 25-dia.
• Use the A22Z-R25 (Order Separately) rubber ring.
• Do not tighten the Mounting Nut more than necessary using tools such as
pointed-nose pliers.
• Doing so will damage the Mounting Nut.
(The tightening torque of the Mounting Nut is 1.0 to 2.0 N·m.)
Tightening Wrench: A22Z-3905
Panel Hole of 22.3-mm Diameter
• Insert the Operation Unit from the front of the panel, insert the Lock Ring and
Mounting Nut from the back of the panel, and tighten the Mounting Nut. Before
tightening, check that the rubber washer is present between the Operation Unit
and the panel.
(2) Minimum mounting pitch (Dimension A, Dimension B)
Minimum mounting pitch
*1. If the Mounting Collar lock levers all face the same direction at the
minimum mounting pitch, be sure to note the order the mounting
collars are attached to the Operation Unit.
*2. When using each accessory (Order Separately), set the A and B
dimensions in view of the dimensions of the accessories.
*3. Make sure the mounting pitch does not hinder the operation.
Panel hole dimension
Panel thickness
22.3 dia.
1 to 5 mm
22.3
dia.
+0.4
0
22.3 dia.
+0.4
0
R0.8 max.
+0.2
0
3.2
24.1
+0.4
0
25
dia.
+0.5
0
Rubber Washer
22.3 dia.
Lock Ring
Mounting Ring
Panel
Tightening Wrench
(order separately, A22Z-3905)
Lock Ring
Panel
Rubber washer
Mounting Ring
Hold here
When the A22Z-3360 Lock Ring (Order Separately) is used
• Take note of the direction when mounting the Lock Ring.
Panel
Projecting part
Lock Ring
25-dia. Ring
A22Z-R25
Operation Unit
Panel
Lock Ring
Mounting Ring
22.3 dia.
22.3 dia.
1.3
0.5
25 dia.
22.3 dia.
22 dia.
Rubber washer
(provided with the
Operation Unit)
Operation Unit
30-dia.
Resin Attachment
A22Z-A30
Rubber Washer
(included)
Mounting Panel
Lock Ring
Mounting Ring
Rubber Washer
(provided with the
Operation Unit)
Panel Hole of 25.5-mm Diameter
• Insert the A22Z-R25 (Order
Separately) between the Operation
Unit and Panel, and tighten the
clamping nut to mount.
Before tightening, check that the
rubber washer supplied with the
Operation Unit is present between
the Operation Unit and the 25-dia.
Ring.
Panel Hole of 30-mm Diameter
• Insert the A22Z-R30 (Order
Separately) between the Operation
Unit and Panel, and tighten the
clamping nut to mount.
Before tightening, check that the
supplied rubber washer is present
between the Operation Unit and
the panel, and between the 30-dia.
Resin Attachment and the panel.
Recommended panel thickness: 1
to 3 mm
Type of operation unit
Dimension A (mm)
min.
Dimension B (mm)
min.
30-dia., 40-dia. models
50
*150
60-dia. model
70
70
Dimension A
R0.8 max.
+0.4
0
+0.4
0
22.3
dia.
24.1
+0.4
0
+0.2
0
3.2
Using the
Lock Ring
Standard switch
Panel Hole Dimensions for 22.3 Diameter
Dimension B
+0.4
0
22.3
dia.
22.3
dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com