Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 27Page - Omron Electronics LLC A22Z-R Datasheet HTML 28Page - Omron Electronics LLC A22Z-R Datasheet HTML 29Page - Omron Electronics LLC A22Z-R Datasheet HTML 30Page - Omron Electronics LLC A22Z-R Datasheet HTML 31Page - Omron Electronics LLC A22Z-R Datasheet HTML 32Page - Omron Electronics LLC A22Z-R Datasheet HTML 33Page - Omron Electronics LLC A22Z-R Datasheet HTML 34Page - Omron Electronics LLC A22Z-R Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
A22NE-P
31
LED Lamps
• A current-limiting resistor is built in the LED lamp, so the
installation of an external resistance is not required.
• Lighting malfunction of the LED lamp
A micro-current of approximately 0.1 mA or less is sufficient to turn
on the LED lamps. Take a countermeasure like adding a resistor to
prevent mis-lighting in parallel to the LED lamp.
The micro-current varies with the machine (leak current or stray
capacity between cables, etc.). Select resistance value and
allowable power consumption that meet the actual current.
Be sure to read the "Safety Precautions" on page 37.
X1
X2
LED
lamp
R:10 k
Ω (1 W)
Bleeder resistor
(Example of lighting malfunction prevention circuit)
When using a 24-VAC/VDC lighted unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com