Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 60Page - STMicroelectronics S2-LPSQTR Datasheet HTML 61Page - STMicroelectronics S2-LPSQTR Datasheet HTML 62Page - STMicroelectronics S2-LPSQTR Datasheet HTML 63Page - STMicroelectronics S2-LPSQTR Datasheet HTML 64Page - STMicroelectronics S2-LPSQTR Datasheet HTML 65Page - STMicroelectronics S2-LPSQTR Datasheet HTML 66Page - STMicroelectronics S2-LPSQTR Datasheet HTML 67Page - STMicroelectronics S2-LPSQTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Figure 17. QFN24 4x4x1pitch 0.5 mm PCB pad pattern
Table 52. Exposed pad dimension
D2 (mm)
E2 (mm)
2.70
2.70
9.3
QFN recommended profile parameters
The temperature profile is the most important control in the re-flow soldering and it must be fine tuned to establish
a robust process. QFN recommended soldering profile for lead-free mounting is shown in the following table and
picture.
Figure 18. QFN recommended soldering profiles
20
70
120
170
220
270
0
30
60
90
120
150
180
210
240
270
300
Time [s]
60 ± 15 s
240± 5 °C
0.9 ± 0.1 °
C/s
(RtS)
2.0 ± 0.1 °C/s
(RSS)
2.0 ±1.0 °C/s
-
3.0 ± 2.0 °C/s
S2-LPS
QFN recommended profile parameters
DS13831 - Rev 1
page 64/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com