Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 27Page - STMicroelectronics S2-LPSQTR Datasheet HTML 28Page - STMicroelectronics S2-LPSQTR Datasheet HTML 29Page - STMicroelectronics S2-LPSQTR Datasheet HTML 30Page - STMicroelectronics S2-LPSQTR Datasheet HTML 31Page - STMicroelectronics S2-LPSQTR Datasheet HTML 32Page - STMicroelectronics S2-LPSQTR Datasheet HTML 33Page - STMicroelectronics S2-LPSQTR Datasheet HTML 34Page - STMicroelectronics S2-LPSQTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
4.4.5.9
CS blanking
The CS blanking feature prevents data to be received if the RSSI level on the air is below the RSSI threshold (set
by the RSSI_TH field). The feature can be enabled through the CS_BLANKING bit in the ANT_SELECT_CONF
register.
4.4.5.10
Antenna switching
The device implements a switching based antenna diversity algorithm. The antenna switching function allows
controlling an external switch in order to select the antenna providing the highest measured RSSI. The switching
decision is based on a comparison between the received power level on antenna 1 and antenna 2 during the
preamble reception controlling through GPIO an external RF switch in order to select the antenna providing the
highest measured RSSI.
When antenna switching is enabled, the two antennas are repeatedly switched during the reception of the
preamble of each packet, until the carrier sense threshold is reached (static CS mode must be used). From this
point on, the antenna with highest power is selected and switching is frozen. The switch control signal is available
on GPIO and in the MC_STATE[1] register.
The algorithm is controlled by the following parameters:
•
AS_MEAS_TIME: this register/parameter controls the time interval for RSSI measurement. The actual
measurement time is done with the following formula.
Antenna switching measurement time
Tmeas=24∙2CHFLT_E∙2AS_MEAS_TIME
fdig
(15)
In case of FSK modulation, the whole
Tmeasisusedtoletthesignallevelsettleaftertheantennaswitchandone
single measurement is taken at the end of such period.
In case of OOK modulation, after one first interval equal to
Tmeasagainusedtoletthesignallevelsettleafter
the antenna switch, one second interval still equal to
Tmeas,isusedtoperformapeakpowermeasurementand
select the best antenna.
•
AS_ENABLE: this parameter enables the antenna switching function.
4.4.6
Transmitter
The S2-LPS contains an integrated PA capable of transmitting at output levels programmable between -30 dBm to
+14 dBm (+16 dBm in boost mode), at step of 0.5 dB.
The PA is single-ended and has a dedicated pin (TXOUT). The PA output is ramped up and down to prevent
unwanted spectral splatter. In TX mode the PA drives the signal generated by the frequency synthesizer out to the
antenna terminal. Delivered power, as well as harmonic content, depends on the external impedance seen by the
PA. It is possible to program TX to send an unmodulated carrier.
The output stage is supplied from the SMPS through an external choke and is loaded with a LC-type network
which has the function of transforming the impedance of the antenna and filter out the harmonics. The TX and RX
pins are tied directly to share the antenna. During TX, the LNA inputs are internally shorted to ground to allow for
the external network resonance, so minimizing the power loss due to the RX.
4.4.6.1
PA configuration
The PA output power level is programmable in 0.5 dB steps. The user can store up to eight output levels to
provide flexible PA power ramp-up and ramp-down at the start and end of a frequency modulation transmission as
well as ASK modulation shaping.
With the digital power-ramping enabled (PA_RAMP_EN = 1 in the PA_POWER0 register) the ramp starts from the
minimum output power programmed and stops at the programmed maximum value, thus a maximum of 8 steps
can be set up as shown in Figure 10. Output power ramping configuration. The interpolation factor ranges from 64
down to 1 depending on the actual data rate. The assumption is that output power monotonically decrease. Each
step is held for a programmable time interval expressed in terms of bit period units (Tb/8), maximum value is 3
(which means 4×Tb/8=Tb/2). Therefore, the PA ramp may last up to 4 Tb (about 3.3 ms if the bit rate is 1.2 kbit/s).
Tramp= PA_RAMP_STEP_LEN+1 × PA_LEVEL_MAX_IDX+1
8×DataRate
(16)
where DataRate is the transmission data rate expressed in symbols/s.
S2-LPS
Digital modulator
DS13831 - Rev 1
page 31/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com