Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 3 Page - STMicroelectronics

  S2-LPSQTR Datasheet HTML 1Page - STMicroelectronics S2-LPSQTR Datasheet HTML 2Page - STMicroelectronics S2-LPSQTR Datasheet HTML 3Page - STMicroelectronics S2-LPSQTR Datasheet HTML 4Page - STMicroelectronics S2-LPSQTR Datasheet HTML 5Page - STMicroelectronics S2-LPSQTR Datasheet HTML 6Page - STMicroelectronics S2-LPSQTR Datasheet HTML 7Page - STMicroelectronics S2-LPSQTR Datasheet HTML 8Page - STMicroelectronics S2-LPSQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
1
Detailed functional description
The S2-LPS fully supports antenna diversity with an integrated antenna switching control algorithm.
Transmitted/received data bytes are buffered in two different 128 bytes FIFOs (TX FIFO and RX FIFO),
accessible via SPI interface for host processing.
In addition, the reduced number of external components enables a cost effective solution permitting a compact
PCB footprint.
The S2-LPS targets volume applications like:
Sensors to Cloud
Smart metering
Home energy management systems
Wireless alarm systems
Smart home
Building automation
Industrial monitoring and control
Figure 1. Simplified S2-LPS block diagram
The receiver architecture is low-IF conversion, the received RF signal is amplified by a two-stage low-noise
amplifier (LNA) and down-converted in quadrature (I and Q) to the intermediate frequency (IF). LNA and IF
amplifiers make up the RX front-end (RXFE) and have programmable gain. At IF, the ADCs digitalize the I/Q
signals. The demodulated data go to an external MCU either through the 128-byte RX FIFO, readable via SPI, or
directly using a programmable GPIO pin.
The transmitter part of the S2-LPS is based on direct synthesis of the RF frequency. The power amplifier (PA)
input is the LO generated by the RF synthesizer, while the output level can be configured between -30 dBm and
+14 dBm (+16 dBm in boost mode), at antenna level with 0.5 dB steps.
S2-LPS
Detailed functional description
DS13831 - Rev 1
page 3/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com