Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 24Page - STMicroelectronics S2-LPSQTR Datasheet HTML 25Page - STMicroelectronics S2-LPSQTR Datasheet HTML 26Page - STMicroelectronics S2-LPSQTR Datasheet HTML 27Page - STMicroelectronics S2-LPSQTR Datasheet HTML 28Page - STMicroelectronics S2-LPSQTR Datasheet HTML 29Page - STMicroelectronics S2-LPSQTR Datasheet HTML 30Page - STMicroelectronics S2-LPSQTR Datasheet HTML 31Page - STMicroelectronics S2-LPSQTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
•
RSSI threshold: this parameter sets the minimum signal power above which the timing recovery is started
(RSSI_TH register).
4.4.5.3.1
DLL mode
The DLL algorithm, being based on a first order loop, is only able to control the delay of the local bit-timing
generator in order to align it to the received bit period. If there is an error between the actual received bit period
and the nominal one, the relative edges will drift over time and the algorithm will periodically apply a delay
correction to recover. Since in presence of long sequences of zeroes or ones it is not possible to estimate any
timing error, the loop tends to lose lock if the period error is large (greater than 3%).
The convergence speed of the loop is controlled by the CLK_REC_P_GAIN_FAST/SLOW parameter (KP) in the
CLOCKREC1 and CLOCKREC2 registers with a smaller value yielding a faster loop. Allowed values for KP are
from 0 to 7. The optimal values obtained for all modulations and data rates are KP = 1 or KP = 2.
4.4.5.3.2
PLL mode
The PLL algorithm tracks the phase error of the local timing generator relative to received bit period and controls
both frequency and phase to achieve the timing lock. Once that the relative period error has been estimated and
corrected for example during the preamble phase, then even in presence of long sequences of zeroes or ones,
the loop is able to keep lock.
In order to improve the performance of the algorithm, two sets of gain coefficients can be configured to be used
before and after the sync word detection.
In particular, CLK_REC_I_GAIN_FAST and CLK_REC_P_GAIN_FAST are used before the SYNC while
CLK_REC_I_GAIN_SLOW and CLK_REC_P_GAIN_SLOW are used after the SYNC detection.
4.4.5.4
RX channel filter bandwidth
The bandwidth of the receiver channel filter is programmable from 1 kHz to 800 kHz. The setting goes through the
register CHFLT according to the following table.
Table 37. Channel filter words
E=0
E=1
E=2
E=3
E=4
E=5
E=6
E=7
E=8
E=9
M=0
800.1
450.9
224.7
112.3
56.1
28.0
14.0
7.0
3.5
1.8
M=1
795.1
425.9
212.4
106.2
53.0
26.5
13.3
6.6
3.3
1.7
M=2
768.4
403.2
201.1
100.5
50.2
25.1
12.6
6.3
3.1
1.6
M=3
736.8
380.8
190.0
95.0
47.4
23.7
11.9
5.9
3.0
1.5
M=4
705.1
362.1
180.7
90.3
45.1
22.6
11.3
5.6
2.8
1.4
M=5
670.9
341.7
170.6
85.3
42.6
21.3
10.6
5.3
2.7
1.3
M=6
642.3
325.4
162.4
81.2
40.6
20.3
10.1
5.1
2.5
1.3
M=7
586.7
294.5
147.1
73.5
36.7
18.4
9.2
4.6
2.3
1.2
M=8
541.4
270.3
135.0
67.5
33.7
16.9
8.4
4.2
2.1
1.1
The actual filter bandwidth for any digital clock frequency can be obtained by multiplying the values in the table
above by the factor
fdig
26000000.Thebandwidthvaluesareintendedasdouble-sided.
4.4.5.5
Intermediate frequency setting
The intermediate frequency (IF) can be tuned and be controlled by the registers IF_OFFSET_ANA and
IF_OFFSET_DIG and can be set as follows:
Intermediate frequency
fIF=fxo12∙ IF _OFFSET _ANA+100
211
=fdig12∙ IF _OFFSET _DIG+100
211
(14)
where
fXOistheXTALoscillatorfrequencyandfdigisthedigitalclockfrequency.TherecommendedIFvalueis
about 300 kHz.
S2-LPS
Digital modulator
DS13831 - Rev 1
page 28/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com