Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 1 Page - STMicroelectronics

  S2-LPSQTR Datasheet HTML 1Page - STMicroelectronics S2-LPSQTR Datasheet HTML 2Page - STMicroelectronics S2-LPSQTR Datasheet HTML 3Page - STMicroelectronics S2-LPSQTR Datasheet HTML 4Page - STMicroelectronics S2-LPSQTR Datasheet HTML 5Page - STMicroelectronics S2-LPSQTR Datasheet HTML 6Page - STMicroelectronics S2-LPSQTR Datasheet HTML 7Page - STMicroelectronics S2-LPSQTR Datasheet HTML 8Page - STMicroelectronics S2-LPSQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Features
•
Frequency bands:
–
433-434 MHz (S2-LPSQTR)
–
868-870 MHz (S2-LPSQTR)
•
Modulation schemes:
–
2(G)FSK
–
OOK, ASK
•
Air data rate from 0.1 to 500 kbps
•
Ultra-low power consumption:
–
7 mA RX
–
10 mA TX @ +10 dBm
•
Excellent performance of receiver sensitivity: down to -130 dBm
•
Excellent receiver selectivity and blocking
•
Programmable RF output power up to +16 dBm
•
Programmable RX digital filter
•
Programmable channel spacing
•
Fast start-up and frequency synthesizer settling time
•
Automatic frequency offset compensation, AGC and symbol timing recovery
•
More than 145 dB RF link budget
•
Battery indicator and low battery detector
•
RX and TX 128 bytes FIFO buffers
•
4-wire SPI interface
•
Embedded timeout protocol engine
•
Excellent receiver selectivity (> 80 dB @ 2 MHz)
•
ST companion integrated balun/filter chips are available
•
Antenna diversity algorithm
•
Fully integrated ultra-low power RC oscillator
•
Wake-up driven by internal timer or external event
•
Digital real time RSSI
•
Flexible packet length with dynamic payload length
•
Programmable preamble and SYNC word quality filtering and detection
•
KNX-RF supported
•
Suitable to build systems targeting:
–
Europe: ETSI EN 300 220, category 1.5 natively compliant, ETSI EN 303
131
–
US: FCC part 15 and part 90
–
Japan: ARIB STD T67, T108
–
China: SRRC
•
Operating temperature range: -40 °C to +85 °C
Applications
•
Sensors to Cloud
Product status link
S2-LPS
Ultra-low power, high performance, sub-1 GHz transceiver
S2-LPS
Datasheet
DS13831 - Rev 1 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - S2-LPSQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LP STMICROELECTRONICS-S2-LP Datasheet
176Kb / 5P
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
S2-LP STMICROELECTRONICS-S2-LP Datasheet
1Mb / 5P
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
S2-LPQTR STMICROELECTRONICS-S2-LPQTR Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LPTXQTR STMICROELECTRONICS-S2-LPTXQTR Datasheet
2Mb / 64P
Sub-1 GHz proprietary radio transmitter
Rev 1
More results

Similar Description - S2-LPSQTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
List of Unclassifed Man...
RFM73 ETC2-RFM73 Datasheet
1Mb / 27P
Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75 ETC2-RFM75 Datasheet
757Kb / 27P
Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
Low Power High Performance 2.4 GHz GFSK Transceiver
logo
Texas Instruments
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
logo
List of Unclassifed Man...
BK2425 ETC2-BK2425 Datasheet
1Mb / 30P
Low Power High Performance 2.4 GHz GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com