Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 2 Page - STMicroelectronics

  S2-LPSQTR Datasheet HTML 1Page - STMicroelectronics S2-LPSQTR Datasheet HTML 2Page - STMicroelectronics S2-LPSQTR Datasheet HTML 3Page - STMicroelectronics S2-LPSQTR Datasheet HTML 4Page - STMicroelectronics S2-LPSQTR Datasheet HTML 5Page - STMicroelectronics S2-LPSQTR Datasheet HTML 6Page - STMicroelectronics S2-LPSQTR Datasheet HTML 7Page - STMicroelectronics S2-LPSQTR Datasheet HTML 8Page - STMicroelectronics S2-LPSQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
•
Smart metering
•
Home energy management systems
•
Wireless alarm systems
•
Smart home
•
Building automation
•
Industrial monitoring and control
•
Smart lighting systems
Description
The S2-LPS is a high performance ultra-low power RF transceiver, intended for
RF wireless applications in the sub-1 GHz band. It is designed to operate in both
the license-free ISM and SRD frequency bands at 433, 868 MHz, but can also be
programmed to operate at other additional frequencies in the 413-479 MHz, 826-958
MHz bands.
The S2-LPS supports different modulation schemes: 2(G)FSK, OOK and ASK. The
air data rate is programmable from 0.1 to 500 kbps.
The S2-LPS can be used in systems with channel spacing down to 1 kHz enabling
the narrow band operations.
The S2-LPS shows an RF link budget higher than 140 dB for long communication
ranges and meets the regulatory requirements applicable in territories worldwide,
including Europe, Japan, China and the USA.
S2-LPS
DS13831 - Rev 1
page 2/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com