Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 31Page - STMicroelectronics S2-LPSQTR Datasheet HTML 32Page - STMicroelectronics S2-LPSQTR Datasheet HTML 33Page - STMicroelectronics S2-LPSQTR Datasheet HTML 34Page - STMicroelectronics S2-LPSQTR Datasheet HTML 35Page - STMicroelectronics S2-LPSQTR Datasheet HTML 36Page - STMicroelectronics S2-LPSQTR Datasheet HTML 37Page - STMicroelectronics S2-LPSQTR Datasheet HTML 38Page - STMicroelectronics S2-LPSQTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
5
Operating modes
The S2-LPS is provided with a built-in main controller which controls the switching between the two main
operating modes: transmitter (TX) and receiver (RX), driven by SPI commands.
In shutdown condition (the S2-LPS can be switched on/off with the external pin SDN), no internal supply is
generated, and all stored data and configurations are lost.
From shutdown, the S2-LPS can be switched on going to READY state, where the reference clock signal is
available.
From READY state, the S2-LPS can be moved to LOCK state to generate the high precision LO signal and then
in TX or RX modes. Switching from RX to TX and vice versa can happen only by passing through the LOCK
state. This operation is managed by the main controller through a single user command (TX or RX). At the end
of the operations, the S2-LPS can return to READY state or can go to SLEEP state, having a very low power
consumption.
SLEEP state can be configured to retain the FIFOs content or not enabling very low power mode. If also no
wake-up timer is required, the S2-LPS can be moved from READY to STANDBY state, which has the lowest
possible current consumption.
Figure 12. State diagram
Three states: READY, STANDBY and LOCK may be defined as stable state.
All other states are transient, which means that, in a typical configuration, the controller remains in those states,
at most for any timeout timer duration. Also the READY and LOCK states behave as transients when they are not
directly accessed with the specific commands (for example, when LOCK is temporarily used before reaching the
TX or RX states).
Table 41. States
State code(1)
State name
Digital LDO
SPI
XTAL
RF synth.
Wake-up timer
NA
SHUTDOWN
OFF
Off
Off
Off
Off
0x02
STANDBY
ON
On
Off
Off
Off
S2-LPS
Operating modes
DS13831 - Rev 1
page 35/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com