Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 33Page - STMicroelectronics S2-LPSQTR Datasheet HTML 34Page - STMicroelectronics S2-LPSQTR Datasheet HTML 35Page - STMicroelectronics S2-LPSQTR Datasheet HTML 36Page - STMicroelectronics S2-LPSQTR Datasheet HTML 37Page - STMicroelectronics S2-LPSQTR Datasheet HTML 38Page - STMicroelectronics S2-LPSQTR Datasheet HTML 39Page - STMicroelectronics S2-LPSQTR Datasheet HTML 40Page - STMicroelectronics S2-LPSQTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
Initial state
Final state
Response time [µs]
READY
STANDBY/ SLEEP
3
READY
LOCK with no VCO calibration
70
READY
LOCK with VCO calibration
85
RX/TX
READY
1
STANDBY/SLEEP
READY
100
LOCK
RX/TX
26
Note:
The transition time enables the S2-LPS for frequency hopping operation due to its reduced response time and
very quick programming synthesizer. The response time depends on frequency of the clock in digital domain,
from 24 MHz to 26 MHz.
Note:
The first bit of preramble is sent after TX state is reached, if PA ramping is not enabled. If PA ramping is
enabled, the first bit is sent after tramp (see Section 4.4.6.1 PA configuration).
5.3
Sleep states
S2-LPS provides 2 SLEEP states:
•
SLEEP without FIFO retention (SLEEP_A): in this low power state, the device keeps all the register values
but not the TX and RX FIFOs. This is the device default SLEEP state.
•
SLEEP with FIFO retention (SLEEP_B): in this low power state, the device keeps the content of the registers
and the two FIFOs.
The responsibility of the SLEEP type to be used is demanded to the user. To select the SLEEP mode, the bit
SLEEP_MODE_SEL (register 0x79) can be used. If this bit is set to 0, SLEEP_A is used each time the device
enters SLEEP (by SPI command, LDC flow in non-persistent mode). If it is 1, SLEEP_B is used instead.
S2-LPS
Sleep states
DS13831 - Rev 1
page 37/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com