Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPSQTR Datasheet(PDF) 70 Page - STMicroelectronics

Part # S2-LPSQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSQTR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button S2-LPSQTR Datasheet HTML 65Page - STMicroelectronics S2-LPSQTR Datasheet HTML 66Page - STMicroelectronics S2-LPSQTR Datasheet HTML 67Page - STMicroelectronics S2-LPSQTR Datasheet HTML 68Page - STMicroelectronics S2-LPSQTR Datasheet HTML 69Page - STMicroelectronics S2-LPSQTR Datasheet HTML 70Page - STMicroelectronics S2-LPSQTR Datasheet HTML 71Page - STMicroelectronics S2-LPSQTR Datasheet HTML 72Page - STMicroelectronics S2-LPSQTR Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
List of tables
Table 1.
Description of the external components of the typical application diagrams ............................ 7
Table 2.
Pinout ........................................................................... 8
Table 3.
Absolute maximum ratings ............................................................ 10
Table 4.
Operating range.................................................................... 10
Table 5.
Thermal data...................................................................... 10
Table 6.
Low-power state power consumption ..................................................... 11
Table 7.
Power consumption in reception TA = 25 °C, VDD = 3.3 V, fc = 868 MHz............................. 11
Table 8.
Power consumption in transmission fc= 915 MHz ............................................. 11
Table 9.
Power consumption in transmission fc= 840-868 MHz.......................................... 11
Table 10.
Power consumption in transmission fc= 434 MHz ............................................. 11
Table 11.
Power consumption in transmission fc = 510 MHz ............................................ 11
Table 12.
General characteristics ............................................................... 12
Table 13.
Frequency synthesizer parameters....................................................... 12
Table 14.
Crystal oscillator characteristics ......................................................... 13
Table 15.
Ultra-low power RC oscillator........................................................... 13
Table 16.
RF receiver characteristics ............................................................ 13
Table 17.
Blocking and selectivity at 433 MHz ...................................................... 14
Table 18.
Sensitivity at 433 MHz ............................................................... 14
Table 19.
Blocking and selectivity @ 840-868 MHz................................................... 14
Table 20.
Sensitivity at 840-868 MHz ............................................................ 15
Table 21.
RF transmitter characteristics .......................................................... 15
Table 22.
PA impedance ..................................................................... 15
Table 23.
Regulatory standards ................................................................ 15
Table 24.
Harmonic emission at 433 MHz ......................................................... 16
Table 25.
Harmonic emission at 840-868 MHz ...................................................... 16
Table 26.
Digital SPI input, output and GPIO specification .............................................. 16
Table 27.
Battery indicator and low battery detector .................................................. 17
Table 28.
SMPS output voltage ................................................................ 18
Table 29.
POR parameters ................................................................... 19
Table 30.
Charge pump words ................................................................. 21
Table 31.
Resolution frequency ................................................................ 22
Table 32.
Channel spacing resolution ............................................................ 22
Table 33.
Modulation scheme ................................................................. 22
Table 34.
Constellation mapping 2-(G)FSK ........................................................ 23
Table 35.
Constellation mapping 4-(G)FSK ........................................................ 23
Table 36.
PA Bessel filter words ................................................................ 24
Table 37.
Channel filter words ................................................................. 28
Table 38.
RX timer stop condition configuration ..................................................... 29
Table 39.
CS mode description ................................................................ 30
Table 40.
RCO Frequency.................................................................... 34
Table 41.
States .......................................................................... 35
Table 42.
Commands ....................................................................... 36
Table 43.
Response time .................................................................... 36
Table 44.
BASIC packet format ................................................................ 38
Table 45.
Preamble field selection .............................................................. 38
Table 46.
UART over the air packet format ........................................................ 39
Table 47.
Interrupts list ...................................................................... 43
Table 48.
GPIO digital output functions ........................................................... 44
Table 49.
GPIO digital input functions ............................................................ 45
Table 50.
Register contents................................................................... 46
Table 51.
QFN24L (4x4 mm) package mechanical data ............................................... 63
Table 52.
Exposed pad dimension .............................................................. 64
S2-LPS
List of tables
DS13831 - Rev 1
page 70/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com