Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 61 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 57Page - STMicroelectronics LRI2K_08 Datasheet HTML 58Page - STMicroelectronics LRI2K_08 Datasheet HTML 59Page - STMicroelectronics LRI2K_08 Datasheet HTML 60Page - STMicroelectronics LRI2K_08 Datasheet HTML 61Page - STMicroelectronics LRI2K_08 Datasheet HTML 62Page - STMicroelectronics LRI2K_08 Datasheet HTML 63Page - STMicroelectronics LRI2K_08 Datasheet HTML 64Page - STMicroelectronics LRI2K_08 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
LRI2K
Commands codes
61/89
20.13
Get System Info
When receiving the Get System Info command, the LRI2K sends back its information data in
the response.The Option_flag is supported and must be reset to 0. The Get System Info can
be issued in both Addressed and Non Addressed modes.
Request parameter:
●
UID (Optional)
Response parameters:
●
Information Flags set to 0Fh. DSFID, AFI, Memory Size and IC reference fields are
present.
●
UID code on 64 bits
●
DSFID value
●
AFI value
●
memory size. The LRI2K provides 64 blocks (3Fh) of 4 bytes (03h).
●
IC Reference. Only the 6 MSBs are significant. The product code of the LRI2K is
00 1000b=8d
Response parameter:
●
Error code as Error_flag is set:
–
03h: Option not supported
–
0Fh: other error
Table 56.
Get System Info request format
Request SOF
Request_
flags
Get System
Info
UID
CRC16
Request EOF
8 bits
2Bh
64 bits
16 bits
Table 57.
Get System Info response format when Error_flag is NOT set
Response
SOF
Response_
flags
Information
flags
UID
DSFID AFI
Memory
size
IC
reference
CRC16
Response
EOF
00h
0Fh
64 bits 8 bits 8 bits 033Fh 001000xxb 16 bits
Table 58.
Get System Info response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
01h
8 bits
16 bits
Figure 52.
Get System Info frame exchange between VCD and LRI2K
VCD
SOF
Get System
Info request
EOF
LRI2K
<-t1-> SOF
Get System
Info
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com