Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 29 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 25Page - STMicroelectronics LRI2K_08 Datasheet HTML 26Page - STMicroelectronics LRI2K_08 Datasheet HTML 27Page - STMicroelectronics LRI2K_08 Datasheet HTML 28Page - STMicroelectronics LRI2K_08 Datasheet HTML 29Page - STMicroelectronics LRI2K_08 Datasheet HTML 30Page - STMicroelectronics LRI2K_08 Datasheet HTML 31Page - STMicroelectronics LRI2K_08 Datasheet HTML 32Page - STMicroelectronics LRI2K_08 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
LRI2K
Data storage format identifier (DSFID)
29/89
9
Data storage format identifier (DSFID)
The data storage format identifier indicates how the data is structured in the LRI2K memory.
The logical organization of data can be known instantly using the DSFID.
It can be programmed and locked using the Write DSFID and Lock DSFID commands,
respectively. It is coded on one byte.
9.1
CRC
The CRC used in the LRI2K is calculated as per the definition in ISO/IEC 13239.
The initial register contents are all ones: "FFFF".
The two-byte CRC is appended to each request and response, within each frame, before
the EOF. The CRC is calculated on all the bytes between the SOF and the CRC field.
Upon reception of a request from the VCD, the LRI2K verifies that the CRC value is valid. If
it is invalid, the LRI2K discards the frame and does not answer to the VCD.
Upon reception of a response from the LRI2K, it is recommended that the VCD verifies
whether the CRC value is valid. If it is invalid, actions to be performed are left to the
discretion of the VCD designers.
The CRC is transmitted least significant byte first.
Each byte is transmitted least significant bit first.
Table 6.
CRC transmission rules
LSByte
MSByte
LSBit
MSBit LSBit
MSBit
CRC 16 (8bits)
CRC 16 (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com