Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 72 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 72 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 68Page - STMicroelectronics LRI2K_08 Datasheet HTML 69Page - STMicroelectronics LRI2K_08 Datasheet HTML 70Page - STMicroelectronics LRI2K_08 Datasheet HTML 71Page - STMicroelectronics LRI2K_08 Datasheet HTML 72Page - STMicroelectronics LRI2K_08 Datasheet HTML 73Page - STMicroelectronics LRI2K_08 Datasheet HTML 74Page - STMicroelectronics LRI2K_08 Datasheet HTML 75Page - STMicroelectronics LRI2K_08 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
Commands codes
LRI2K
72/89
20.21
Fast Read Multiple Block
On receiving the Fast Read Multiple Block command, the LRI2K reads the requested blocks
and sends back their value in multiples of 32 bits in the response. The blocks are numbered
from '00’ to '3F' in the request and the value is minus one (–1) in the field. For example, a
value 06h in the “number of blocks” field causes the LRI2K to read 7 blocks. The maximum
number of blocks is fixed at 64. During Sequential Block Read, when the block address
reaches 64, it rolls over to 0. The Option_flag is supported. The data rate of the response is
multiplied by 2.
Request parameters:
●
Option_flag
●
UID (Optional)
●
First block number
●
Number of blocks
Response parameters:
●
Block Locking Status if Option_flag is set
●
N block of data
Response parameter:
●
Error code as Error_flag is set:
–
0Fh: other error
–
10h: block address not available
Table 80.
Fast Read Multiple Block request format
Request
SOF
Request_
flags
Fast
Read
Multiple
Block
IC Mfg
code
UID
First
block
number
Number
of
blocks
CRC16
Request
EOF
8 bits
C3h
02h
64 bits
8 bits
8 bits
16 bits
Table 81.
Fast Read Multiple Block response format when Error_flag is NOT set
Response
SOF
Response_
flags
Block Locking
Status
Data
CRC16
Response
EOF
8 bits
8 bits(1)
1.
Repeated as needed.
32 bits(1)
16 bits
Table 82.
Block Locking status if Option_flag is set
b7
b6
b5
b4
b3
b2
b1
b0
All 0
0: Current block not locked
1: Current block locked
Table 83.
Fast Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com