Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 75 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 75 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 71Page - STMicroelectronics LRI2K_08 Datasheet HTML 72Page - STMicroelectronics LRI2K_08 Datasheet HTML 73Page - STMicroelectronics LRI2K_08 Datasheet HTML 74Page - STMicroelectronics LRI2K_08 Datasheet HTML 75Page - STMicroelectronics LRI2K_08 Datasheet HTML 76Page - STMicroelectronics LRI2K_08 Datasheet HTML 77Page - STMicroelectronics LRI2K_08 Datasheet HTML 78Page - STMicroelectronics LRI2K_08 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
LRI2K
Commands codes
75/89
20.23
Initiate
On receiving the Initiate command, the LRI2K sets the internal Initiate_flag and sends back
a response. The command has to be issued in the Non Addressed mode only (Select_flag is
reset to 0 and Address_flag is reset to 0). If an error occurs, the LRI2K does not generate
any answer. The Initiate_flag is reset after a power off of the LRI2K.
The request contains:
●
No data
The response contain:
●
the flags
●
the Unique ID
Table 86.
Initiate request format
Request SOF
Request Flags
Initiate
IC Mfg code
CRC16
Request EOF
8 bits
D2h
02h
16 bits
Table 87.
Initiate Initiated response format
Response
SOF
Response
Flags
DSFID
UID
CRC16
Response
EOF
8 bits
00h
64 bits
16 bits
Figure 60.
Initiate frame exchange between VCD and LRI2K
VCD
SOF
Initiate
request
EOF
LRI2K
<-t1-> SOF
Initiate
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com