Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 34 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 30Page - STMicroelectronics LRI2K_08 Datasheet HTML 31Page - STMicroelectronics LRI2K_08 Datasheet HTML 32Page - STMicroelectronics LRI2K_08 Datasheet HTML 33Page - STMicroelectronics LRI2K_08 Datasheet HTML 34Page - STMicroelectronics LRI2K_08 Datasheet HTML 35Page - STMicroelectronics LRI2K_08 Datasheet HTML 36Page - STMicroelectronics LRI2K_08 Datasheet HTML 37Page - STMicroelectronics LRI2K_08 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
Modes
LRI2K
34/89
12
Modes
The term “mode” refers to the mechanism used in a request to specify the set of LRI2Ks that
will answer the request.
12.1
Addressed mode
When the Address_flag is set to 1 (Addressed mode), the request contains the Unique ID
(UID) of the addressed LRI2K.
Any LRI2K that receives a request with the Address_flag set to 1 compares the received
Unique ID to its own. If it matches, then the LRI2K executes the request (if possible) and
returns a response to the VCD as specified in the command description.
If its UID does not match, then it remains silent.
12.2
Non-Addressed mode (general request)
When the Address_flag is set to 0 (Non-Addressed mode), the request does not contain a
Unique ID. Any LRI2K receiving a request with the Address_flag set to 0 executes it and
returns a response to the VCD as specified in the command description.
12.3
Select mode
When the Select_flag is set to 1 (Select mode), the request does not contain an LRI2K
Unique ID. The LRI2K in the Selected state that receives a request with the Select_flag set
to 1 executes it and returns a response to the VCD as specified in the command description.
Only LRI2Ks in the Selected state answer to a request where the Select Flag is set to 1.
The system design ensures in theory that only one LRI2K can be in the Select state at a
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com