Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 46 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 42Page - STMicroelectronics LRI2K_08 Datasheet HTML 43Page - STMicroelectronics LRI2K_08 Datasheet HTML 44Page - STMicroelectronics LRI2K_08 Datasheet HTML 45Page - STMicroelectronics LRI2K_08 Datasheet HTML 46Page - STMicroelectronics LRI2K_08 Datasheet HTML 47Page - STMicroelectronics LRI2K_08 Datasheet HTML 48Page - STMicroelectronics LRI2K_08 Datasheet HTML 49Page - STMicroelectronics LRI2K_08 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
Commands codes
LRI2K
46/89
20
Commands codes
The LRI2K supports the commands described in this section. Their codes are given in
Table 20.
Table 20.
Command codes
Command code
standard
Function
Command code
custom
Function
01h
Inventory
A6h
Kill
02h
Stay Quiet
B1h
Write Kill
20h
Read Single Block
B2h
Lock Kill
21h
Write Single Block
C0h
Fast Read Single Block
22h
Lock Block
C1h
Fast Inventory Initiated
23h
Read Multiple Block
C2h
Fast Initiate
25h
Select
C3h
Fast Read Multiple Block
26h
Reset to Ready
D1h
Inventory Initiated
27h
Write AFI
D2h
Initiate
28h
Lock AFI
29h
Write DSFID
2Ah
Lock DSFID
2Bh
Get System Info
2Ch
Get Multiple Block
Security Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com