Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 39 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 35Page - STMicroelectronics LRI2K_08 Datasheet HTML 36Page - STMicroelectronics LRI2K_08 Datasheet HTML 37Page - STMicroelectronics LRI2K_08 Datasheet HTML 38Page - STMicroelectronics LRI2K_08 Datasheet HTML 39Page - STMicroelectronics LRI2K_08 Datasheet HTML 40Page - STMicroelectronics LRI2K_08 Datasheet HTML 41Page - STMicroelectronics LRI2K_08 Datasheet HTML 42Page - STMicroelectronics LRI2K_08 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
LRI2K
Anticollision
39/89
15
Anticollision
The purpose of the anticollision sequence is to inventory the LRI2Ks present in the VCD
field using their unique ID (UID).
The VCD is the master of communications with one or several LRI2Ks. It initiates LRI2K
communication by issuing the Inventory request.
The LRI2K sends its response in the determined slot or does not respond.
15.1
Request parameters
When issuing the Inventory command, the VCD:
sets the Nb_slots_flag as desired,
adds the mask length and the mask value after the command field,
The mask length is the number of significant bits of the mask value.
The mask value is contained in an integer number of bytes. The mask length indicates the
number of significant bits. The LSB is transmitted first.
If the mask length is not a multiple of 8 (bits), as many 0-bits as required will be added to the
mask value MSB so that the mask value is contained in an integer number of bytes.
The next field starts on the next byte boundary.
In the example of Table 18 and Figure 39, the mask length is 11 bits. Five 0-bits are added
to the mask value MSB. The 11-bit Mask and the current slot number are compared to the
UID.
Table 17.
Inventory request format
MSB
LSB
SOF
Request_
flags
Command
Optional AFI
Mask
length
Mask value
CRC
EOF
8 bits
8 bits
8 bits
8 bits
0 to 8 bytes
16 bits
Table 18.
Example of the addition of 0-bits to an 11-bit mask value
(b15) MSB
LSB (b0)
0000 0
100 1100 1111
0-bits added
11-bit mask value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com