Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 14 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 10Page - STMicroelectronics LRI2K_08 Datasheet HTML 11Page - STMicroelectronics LRI2K_08 Datasheet HTML 12Page - STMicroelectronics LRI2K_08 Datasheet HTML 13Page - STMicroelectronics LRI2K_08 Datasheet HTML 14Page - STMicroelectronics LRI2K_08 Datasheet HTML 15Page - STMicroelectronics LRI2K_08 Datasheet HTML 16Page - STMicroelectronics LRI2K_08 Datasheet HTML 17Page - STMicroelectronics LRI2K_08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
Communication signal from VCD to LRI2K
LRI2K
14/89
2
Communication signal from VCD to LRI2K
Communications between the VCD and the LRI2K take place using the modulation principle
of ASK (amplitude shift keying). Two modulation indexes are used, 10% and 100%. The
LRI2K decodes both. The VCD determines which index is used.
The modulation index is defined as [a – b]/[a + b] where a is the peak signal amplitude and b
the minimum signal amplitude of the carrier frequency.
Depending on the choice made by the VCD, a "pause" will be created as described in
Figure 3 and Figure 4.
The LRI2K is operational for any degree of modulation index between 10% and 30%.
Figure 3.
100% modulation waveform
Figure 4.
10% modulation waveform
Table 3.
10% modulation parameters
Symbol
Parameter definition
Value
hr
0.1 x (a – b)
max
hf
0.1 x (a – b)
max
AI06683
tRFF
tRFSBL
tRFR
105%
a
t
100%
95%
60%
5%
AI06655
tRFF
tRFSFL
tRFR
hr
hf
ab
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com