Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 64 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 60Page - STMicroelectronics LRI2K_08 Datasheet HTML 61Page - STMicroelectronics LRI2K_08 Datasheet HTML 62Page - STMicroelectronics LRI2K_08 Datasheet HTML 63Page - STMicroelectronics LRI2K_08 Datasheet HTML 64Page - STMicroelectronics LRI2K_08 Datasheet HTML 65Page - STMicroelectronics LRI2K_08 Datasheet HTML 66Page - STMicroelectronics LRI2K_08 Datasheet HTML 67Page - STMicroelectronics LRI2K_08 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
Commands codes
LRI2K
64/89
20.15
Kill
On receiving the Kill command, in the Addressed mode only, the LRI2K compares the kill
code with the data contained in the request and reports whether the operation was
successful in the response. The Option_flag is supported. If the command is received in the
Non Addressed or the Selected mode, the LRI2K returns an error response.
During the comparison cycle equal to tW, there should be no modulation (neither 100% nor
10%). Otherwise, the LRI2K may not match the kill code correctly. The tW time is equal to
t1nom + 18 × 302µs. After a successful Kill command, the LRI2K is deactivated and does not
interpret any other command.
Request parameters:
●
UID (Optional)
●
Kill Code
Response parameter:
●
No parameter. The response is send back after the writing cycle
Response parameter:
●
Error code as Error_flag is set:
–
0Fh: other error
–
14h: block not locked
Table 63.
Kill request format
Request
SOF
Request_
flags
Kill
IC Mfg
code
UID
Kill
access
Kill code
CRC16
Request
EOF
8 bits
A6h
02h
64 bits
00h
32 bits
16 bits
Table 64.
Kill response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
8 bits
16 bits
Table 65.
Kill response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits
Figure 54.
Kill frame exchange between VCD and LRI2K
VCD
SOF Kill request EOF
LRI2K
<-t1->
SOF
Kill response
EOF
Kill sequence when
error
LRI2K
<------------ tW ------------><- t1 -> SOF Kill response EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com