Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 8 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 4Page - STMicroelectronics PSD211RM Datasheet HTML 5Page - STMicroelectronics PSD211RM Datasheet HTML 6Page - STMicroelectronics PSD211RM Datasheet HTML 7Page - STMicroelectronics PSD211RM Datasheet HTML 8Page - STMicroelectronics PSD211RM Datasheet HTML 9Page - STMicroelectronics PSD211RM Datasheet HTML 10Page - STMicroelectronics PSD211RM Datasheet HTML 11Page - STMicroelectronics PSD211RM Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
PSD211R Family
5
4.0
PSD211R Family
Feature
Summary
Use the following table to determine which PSD product will fit your needs. Refer back to
this page whenever there is confusion as to which part has what features.
t Motorola family: 68HC11, 68HC05C0
t Intel family:
80C31, 80C51, 80C188, 80C198
t Philips family:
80C31 and 80C51 based MCUs
t Zilog:
Z8
Typical
# PLD
EPROM
Turbo
Standby
Part
Inputs
Size
Voltage
Bit
Current
PSD211R
13
256 Kb
5 V
50 µA
ZPSD211R
13
256 Kb
5 V
X
10 µA
ZPSD211RV
13
256 Kb
3 V/5 V
X
1 µA
Table 1. PSD211R Product Summary
5.0
Partial Listing
of
Microcontrollers
Supported
t Telecommunications:
• Cellular phone
• Digital PBX
• Digital speech
• FAX
• Digital Signal Processing (DSP)
t Portable Industrial Equipment:
• Industrial Control
• Measurement meters
• Data recorders
• Security and access control
t Medical Instrumentation:
• Hearing aids
• Monitoring equipment
• Diagnostic tools
6.0
Applications
NOTE: The low power version of the ZPSD211R (the ZPSD211RV) can only accept an active-low level Reset
input.
Portable and battery-powered systems have recently become major embedded control
application segments. As a result, the demand for electronic components having extremely
low power consumption has increased dramatically. Recognizing this trend, WSI, Inc.
developed a new lower power PSD part, denoted ZPSD211R. The Z stands for Zero-power
because ZPSD products virtually eliminate the DC component of power consumption,
reducing it to standby levels. Virtual elimination of the DC component is the basis for the
words “Zero-power” in the ZPSD name. ZPSD products also minimize the AC power
component when the chip is changing states. The result is a programmable microcontroller
peripheral family that replaces discrete circuit components, while drawing less power.
7.0
ZPSD
Background



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com