Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 37 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 33Page - STMicroelectronics PSD211RM Datasheet HTML 34Page - STMicroelectronics PSD211RM Datasheet HTML 35Page - STMicroelectronics PSD211RM Datasheet HTML 36Page - STMicroelectronics PSD211RM Datasheet HTML 37Page - STMicroelectronics PSD211RM Datasheet HTML 38Page - STMicroelectronics PSD211RM Datasheet HTML 39Page - STMicroelectronics PSD211RM Datasheet HTML 40Page - STMicroelectronics PSD211RM Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
PSD211R Family
34
-20
-25
CMiser Turbo
Symbol
Parameter
On =
Off =
Unit
Min
Max
Min
Max
Add
Add
T1
ALE or AS Pulse Width
50
60
0
0
ns
T2
Address Set-up Time
15
20
0
0
ns
T3
Address Hold Time
15
20
0
0
ns
T4
Leading Edge of Read to Data Active
0
0
0
0
ns
T5
ALE Valid to Data Valid
200
250
20
0
ns
T6
Address Valid to Data Valid
200
250
20
0
ns
T7
CSI Active to Data Valid
200
250
20
0
ns
T8
Leading Edge of Read to Data Valid
50
60
0
0
ns
Leading Edge of Read to Data Valid in
T8A
8031-Based Architecture Operating with
70
80
0
0
ns
PSEN and RD in Separate Mode
T9
Read Data Hold Time
0
0
0
0
ns
T10
Trailing Edge of Read to Data High-Z
50
55
0
0
ns
Trailing Edge of ALE or AS
T11
to Leading Edge of Write
00
0
0
ns
T12
RD, E, PSEN, or DS Pulse Width
75
85
0
0
ns
T12A
WR Pulse Width
45
55
0
0
ns
Trailing Edge of Write or Read
T13
to Leading Edge of ALE or AS
55
0
0
ns
T14
Address Valid to Trailing Edge of Write
200
250
0
0
ns
T15
CSI Active to Trailing Edge of Write
200
250
0
0
ns
T16
Write Data Set-up Time
40
50
0
0
ns
T17
Write Data Hold Time
12
15
0
0
ns
T18
Port to Data Out Valid Propagation Delay
50
60
0
0
ns
T19
Port Input Hold Time
0
0
0
0
ns
T20
Trailing Edge of Write to Port Output Valid
60
70
0
0
ns
T21
ADi1 or Control to CSOi2 Valid
5
55
5
60
0
20
ns
T22
ADi1 or Control to CSOi2 Invalid
4
55
4
60
0
20
ns
T23
Latched Address Outputs, Port A
60
60
0
0
ns
18.8 Timing Parameters – ZPSD211RV (3 V devices only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com