Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 33 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 29Page - STMicroelectronics PSD211RM Datasheet HTML 30Page - STMicroelectronics PSD211RM Datasheet HTML 31Page - STMicroelectronics PSD211RM Datasheet HTML 32Page - STMicroelectronics PSD211RM Datasheet HTML 33Page - STMicroelectronics PSD211RM Datasheet HTML 34Page - STMicroelectronics PSD211RM Datasheet HTML 35Page - STMicroelectronics PSD211RM Datasheet HTML 36Page - STMicroelectronics PSD211RM Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
PSD211R Family
30
Symbol
Parameter
Condition
Min
Max
Unit
TSTG
Storage Temperature
CERDIP
– 65
+ 150
°C
PLASTIC
– 65
+ 125
°C
Voltage on any Pin
With Respect to GND
– 0.6
+ 7
V
V
PP
Programming
Supply Voltage
With Respect to GND
– 0.6
+ 14
V
VCC
Supply Voltage
With Respect to GND
– 0.6
+ 7
V
ESD Protection
>2000
V
Range
Temperature
VCC
VCC Tolerance
Commercial
0° C to +70°C
+ 3 V
1, + 5 V
± 10%
Industrial
–40° C to +85°C
+ 3 V
1, + 5 V
± 10%
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VCC
Supply Voltage
PSD Versions, All Speeds
4.5
5
5.5
V
VCC
Supply Voltage
ZPSD V Versions Only,
2.7
3.0
5.5
V
All Speeds
18.0
Specifications
18.3 Recommended Operating Conditions
NOTE:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods of time may affect device
reliability.
18.1 Absolute Maximum Ratings1
NOTE: 1. 3 V available on ZPSD211RV only.
18.2 Operating Range
Symbol
Parameter
Conditions
Typical2 Max
Unit
CIN
Capacitance (for input pins only)
VIN = 0 V
4
6
pF
COUT
Capacitance (for input/output pins)
VOUT = 0 V
8
12
pF
CVPP
Capacitance (for WR/VPP or R/W/VPP)VPP = 0 V
18
25
pF
NOTES: 1. This parameter is only sampled and is not 100% tested.
2. Typical values are for TA = 25°C and nominal supply voltages.
18.4 Pin Capacitance1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com