Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 31 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 27Page - STMicroelectronics PSD211RM Datasheet HTML 28Page - STMicroelectronics PSD211RM Datasheet HTML 29Page - STMicroelectronics PSD211RM Datasheet HTML 30Page - STMicroelectronics PSD211RM Datasheet HTML 31Page - STMicroelectronics PSD211RM Datasheet HTML 32Page - STMicroelectronics PSD211RM Datasheet HTML 33Page - STMicroelectronics PSD211RM Datasheet HTML 34Page - STMicroelectronics PSD211RM Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
PSD211R Family
28
17.0
Calculating
Power
(cont.)
0
0
5
10
15
20
25
30
35
40
45
50
5
10
15
20
25
30
35
40
45
Composite Frequency at PAD Inputs (MHz)
36 PT Turbo
36 PT Non -Turbo
10 PT Turbo
10 PT Non -Turbo
Figure 13. Typical ICC vs. Frequency for the PAD (VCC = 5 V)
0
0
5
10
15
20
25
2
4
6
8
10
12
14
Composite Frequency at PAD Inputs (MHz)
36 PT Turbo
36 PT Non -Turbo
10 PT Turbo
10 PT Non -Turbo
Figure 14. Typical ICC vs. Frequency for the PAD (VCC = 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com