Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 20 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 16Page - STMicroelectronics PSD211RM Datasheet HTML 17Page - STMicroelectronics PSD211RM Datasheet HTML 18Page - STMicroelectronics PSD211RM Datasheet HTML 19Page - STMicroelectronics PSD211RM Datasheet HTML 20Page - STMicroelectronics PSD211RM Datasheet HTML 21Page - STMicroelectronics PSD211RM Datasheet HTML 22Page - STMicroelectronics PSD211RM Datasheet HTML 23Page - STMicroelectronics PSD211RM Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
PSD211R Family
17
12.0
Control Signals
(Cont.)
12.1 ALE or AS
Connect the ALE or AS signal from your MCU to this pin where applicable, and program
the polarity using PSDsoft. The trailing edge (when the signal goes inactive) of ALE or AS
latches the address on the appropriate address pins.
12.2 WR or R/W
Your MCU should output a stand-alone write signal (WR) or a multiplexed read/write signal
(R/W). In either case, the signal should be connected to this pin.
12.3 RD/E
Your MCU should output either RD or E (clock). In either case, connect the appropriate
signal to this pin. Note: if you have an MCU that outputs DS, it will not be compatible with
the PSD211R, and you must use a PSD3XX family device.
12.4 PSEN
t If your MCU does not output PSEN (or some program select enable equivalent signal),
tie this pin to Vcc (through a series resistor), and skip to the next signal.
t If you use an 8-bit 8031 compatible MCU that outputs a separate signal when
accessing program space, such as PSEN, connect it to this pin. You would then use
PSDsoft to configure the EPROM in the PSD211R to respond to PSEN only or PSEN
and RD. If you have an 8031 compatible MCU, refer to the “Program/Data Space and
the 8031” section for further information.
12.5 A19/CSI
This pin is configured using PSDsoft to be either a chip select for the entire PSD device or
an additional PAD input. If your MCU can generate a chip-select signal, and you wish to
save power, use the PSD chip select feature. Otherwise, use this pin as an address or logic
input.
t When configured as CSI (active-low PSD chip select): a low on this pin keeps the
PSD in normal operation. However, when a high is detected on the pin, the PSD
enters Power-down Mode. See Tables 7A and 7B for information on signal states
during Power-down Mode. See section 16 for details about the reduction of power
consumption.
t When configured as A19, the pin can be used as an additional input to the PADs.
It can be used for address or logic. It can also be ALE/AS dependent or a transparent
input, which is determined by your PSDsoft design file. In A19 mode, the PSD is
always enabled.
Port
Configuration Mode(s)
State
AD0–AD15
All
Input (Hi-Z)
Port Pins PA0–PA7
MCU I/O
Unchanged
Latched Address Out
Logic 1
MCU I/O
Unchanged
Port Pins PB0–PB7
Chip Select Outputs, CS0–CS7, CMOS
Logic 1
Chip Select Outputs, CS0–CS7, Open Drain
Hi-Z
Port Pins PC0–PC2
Address or Logic Inputs, A16-A18
Input (Hi-Z)
Chip Select Outputs, CS8–CS10, CMOS only
Logic 1
Table 7A. Signal States During Power-down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com