Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 16 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 12Page - STMicroelectronics PSD211RM Datasheet HTML 13Page - STMicroelectronics PSD211RM Datasheet HTML 14Page - STMicroelectronics PSD211RM Datasheet HTML 15Page - STMicroelectronics PSD211RM Datasheet HTML 16Page - STMicroelectronics PSD211RM Datasheet HTML 17Page - STMicroelectronics PSD211RM Datasheet HTML 18Page - STMicroelectronics PSD211RM Datasheet HTML 19Page - STMicroelectronics PSD211RM Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
13
PSD211R
10.0
I/O Port
Functions
(Cont.)
10.2 Port A (PA0-PA7) (Cont.)
Latched Address Output Mode
Alternatively, any bit(s) of Port A can be configured to output a low-order demultiplexed
address bus bit. The address is provided by the internal PSD address latch, which latches
the address on the trailing edge of ALE/AS. Port A then outputs the desired demultiplexed
address bits. This feature can eliminate the need for an external latch (for example:
74LS373) if you have devices that require low-order latched address bits. Although any pin
of Port A may output an address signal, the pin is position-dependent. In other words, pin
PA0 of Port A may only pass A0, PA1 only A1, and so on.
The control registers of Port A are located in CSIOPORT space; see Table 5. Each pin of
Port A can be individually configured. The following table summarizes what the control
registers (in CSIOPORT space) for Port A do:
NOTE: 1. Default value is the value after reset.
Default
Value
Register Name
0 Value
1 Value
(Note 1)
Port A Pin Register
Sampled logic level
Sampled logic level
X
at pin = ‘0’
at pin = ‘1’
Port A Direction Register
Pin is configured
Pin is configured
0
as input
as output
Port A Data Register
Data in DFF = ‘0’
Data in DFF = ‘1’
0
Figure 5. Port A Pin Structure
READ PIN
PORT A PIN
ENABLE
LATCHED
ADDR
OUT
MCU
I/O
OUT
READ DATA
WRITE DATA
ALE
READ DIR
WRITE DIR
RESET
CK
D
R
G
D
R
D
CK
R
I
N
T
E
R
N
A
L
A
D
D
R
/
D
A
T
A
B
U
S
A
D
0
/
A
D
7
DFF
LATCH
DIR
FF
CONTROL
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com