Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 17Page - STMicroelectronics PSD211RM Datasheet HTML 18Page - STMicroelectronics PSD211RM Datasheet HTML 19Page - STMicroelectronics PSD211RM Datasheet HTML 20Page - STMicroelectronics PSD211RM Datasheet HTML 21Page - STMicroelectronics PSD211RM Datasheet HTML 22Page - STMicroelectronics PSD211RM Datasheet HTML 23Page - STMicroelectronics PSD211RM Datasheet HTML 24Page - STMicroelectronics PSD211RM Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
PSD211R Family
18
12.0
Control Signals
(Cont.)
Internal Signal State
Component
Internal Signal
During Power-Down
PAD A and PAD B
CS0–CS10
Logic 1 (inactive)
CSIOPORT, ES0–ES7
Logic 0 (inactive)
All registers in CSIOPORT address
N/A
space, including:

Direction

Data
All unchanged

PMR (turbo bit, ZPSD only)
Table 7B. Internal States During Power-down
NOTE: N/A = Not Applicable
12.6 Reset Input
This is an asynchronous input to initialize the PSD device.
Refer to tables 8A and 8B for information on device status during and after reset.
The standard-voltage PSD211R and ZPSD211R (non-V) devices require a reset input. In
this case, the reset input must be asserted for at least 100 nsec. The PSD will be functional
immediately after reset is de-asserted. For these standard-voltage devices, the polarity of
the reset input signal is programmable using PSDsoft (active-high or active-low), to match
the functionality of your MCU reset.
Note: It is not recommended to drive the reset input of the MCU and the reset input of the
PSD with a simple RC circuit between power on ground. The input threshold of the MCU
and the PSD devices may differ, causing the devices to enter and exit reset at different
times because of slow ramping of the signal. This may result in the PSD not being opera-
tional when accessed by the MCU. It is recommended to drive both devices actively. A
supervisory device or a gate with hysteresis is recommended.
For low-voltage ZPSD211RV devices only, the reset input must be asserted for at least
500 nsec. The ZPSD211RV will not be functional for an additional 500 nsec after reset is
de-asserted (see Figure 8). These low voltage ZPSD211RV devices require an active-low
polarity signal for reset. Unlike the PSD211R, the polarity of the reset input is not
programmable for the ZPSD211RV. If your MCU operates with an active high reset, you
must invert this signal before driving the ZPSD211RV reset input.
You must design your system to ensure that the PSD comes out of reset and the PSD
is active before the MCU makes its first access to PSD memory. Depending on the
characteristics and speed of your MCU, a delay between the PSD reset and the MCU reset
may be needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com