Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 14 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 10Page - STMicroelectronics PSD211RM Datasheet HTML 11Page - STMicroelectronics PSD211RM Datasheet HTML 12Page - STMicroelectronics PSD211RM Datasheet HTML 13Page - STMicroelectronics PSD211RM Datasheet HTML 14Page - STMicroelectronics PSD211RM Datasheet HTML 15Page - STMicroelectronics PSD211RM Datasheet HTML 16Page - STMicroelectronics PSD211RM Datasheet HTML 17Page - STMicroelectronics PSD211RM Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
PSD211R Family
11
Function
PAD A and PAD B Inputs
In CSI mode (when high), PAD deselects all of its outputs and enters a
A19/CSI
power-down mode (see Tables 7A and 7B). In A19 mode, it is another
input to the PAD.
A16–A18
These are general purpose inputs from Port C. See Figure 4, Note 3.
A11–A15
These are address inputs.
RD/E
This is the read pulse or enable strobe input.
WR or R/W
This is the write pulse or R/W select signal.
ALE/AS
This is the ALE or AS input to the chip.
RESET
This deselects all outputs from the PAD; it can not be used in product
term equations. See Tables 8A and 8B.
PAD A Outputs
These are internal chip-selects to the 8 EPROM banks. Each bank can
ES0–ES7
be located on any boundary that is a function of one product term of the
PAD address inputs.
This internal chip-select selects the I/O ports. It can be placed on any
CSIOPORT
boundary that is a function of one product term of the PAD inputs. See
Table 5.
PAD B Outputs
CS0–CS3
These chip-select outputs can be routed through Port B. Each of them is
a function of up to four product terms of the PAD inputs.
CS4 –CS7
These chip-select outputs can be routed through Port B. Each of them is
a function of up to two product terms of the PAD inputs.
CS8–CS10
These chip-select outputs can be routed through Port C. See Figure 4,
Note 3. Each of them is a function of one product term of the PAD inputs.
Table 4. PSD211R PAD A and PAD B Functions
Programmable
Address
Decoder (PAD)
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com