Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RM Datasheet(PDF) 35 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 31Page - STMicroelectronics PSD211RM Datasheet HTML 32Page - STMicroelectronics PSD211RM Datasheet HTML 33Page - STMicroelectronics PSD211RM Datasheet HTML 34Page - STMicroelectronics PSD211RM Datasheet HTML 35Page - STMicroelectronics PSD211RM Datasheet HTML 36Page - STMicroelectronics PSD211RM Datasheet HTML 37Page - STMicroelectronics PSD211RM Datasheet HTML 38Page - STMicroelectronics PSD211RM Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
PSD211R Family
32
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
2.7
3
5.5
V
VIH
High-Level Input Voltage
2.7 V < VCC > 5.5 V
.7 VCC
VCC +.5
V
VIL
Low-Level Input Voltage
2.7 V < VCC > 5.5 V
– 0.5
.3 VCC
V
IOH = – 20 µA, VCC = 2.7 V
2.6
2.69
V
VOH
Output High Voltage
IOH = – 1 mA, VCC = 2.7 V
2.3
2.4
V
IOL = 20 µA, VCC = 2.7 V
0.01
0.1
V
VOL
Output Low Voltage
IOL = 4 mA, VCC = 2.7 V
0.15
0.45
V
ISB
Standby Supply Current
VCC = 3.0 V
1
5
µA
(Notes 1,4)
ILI
Input Leakage Current
VIN = VCC or GND
–1
±.1
1
µA
ILO
Output Leakage Current
VOUT = VCC or GND
–1
.1
1
µA
ZPLD Turbo Mode= Off,
f = 0 MHz, VCC = 3.0 V
See ISB
µA
ICC (DC)
Operating Supply Current
ZPLD Turbo Mode= On,
(Note 3)
f = 0 MHz, VCC = 3.0 V
0.17
0.35
mA/PT
EPROM, f = 0 MHz,
VCC = 3.0 V
00
µA
ZPLD AC Base
See Figure 14 (VCC = 3.0 V)
Fig. 14
0.5
mA/MHz
CMiser = On and 8-Bit Bus
ICC (AC)
EPROM Access
Mode (VCC = 3.0 V)
0.4
1
mA/MHz
(Note 3)
AC Adder
CMiser = Off
(VCC = 3.0 V)
0.9
1.7
mA/MHz
18.6 AC/DC DC Characteristics ZPSD211RV (3 V devices only)
NOTES: 1. CMOS inputs: GND ± 0.3 V or VCC ± 0.3V.
2. TTL inputs: VIL ≤ 0.8 V, VIH ≥ 2.0 V.
3. IOUT = 0 mA.
4. CSI/A19 is high and the part is in a power-down configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com