Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
35
Bus Signal Timing
Table 11 shows the PCMCIA timing for the MPC852T.
Table 11. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
J82
A(0:31), REG valid to PCMCIA Strobe
asserted.1 (MIN = 0.75
× B1 – 2.00)
1 PSST = 1. Otherwise add PSST times cycle time.
PSHT = 0. Otherwise add PSHT times cycle time.
These synchronous timings define when the WAITA signals are detected in order to freeze (or relieve) the
PCMCIA current cycle. The WAITA assertion is effective only if it is detected 2 cycles before the PSL
timer expiration. See the PCMCIA Interface section in the MPC866 PowerQUICC™ Family Reference
Manual.
20.70
—
16.70
—
13.00
—
9.40
—
ns
J83
A(0:31), REG valid to ALE negation.1
(MIN = 1.00
× B1 – 2.00)
28.30
—
23.00
—
18.00
—
13.20
—
ns
J84
CLKOUT to REG valid
(MAX = 0.25
× B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
J85
CLKOUT to REG Invalid.
(MIN = 0.25
× B1 + 1.00)
8.60
—
7.30
—
6.00
—
4.80
—
ns
J86
CLKOUT to CE1, CE2 asserted.
(MAX = 0.25
× B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
J87
CLKOUT to CE1, CE2 negated.
(MAX = 0.25
× B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
J88
CLKOUT to PCOE, IORD, PCWE, IOWR
assert time. (MAX = 0.00
× B1 + 11.00)
—
11.00
—
11.00
—
11.00
—
11.00
ns
J89
CLKOUT to PCOE, IORD, PCWE, IOWR
negate time. (MAX = 0.00
× B1 + 11.00)
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
J90
CLKOUT to ALE assert time
(MAX = 0.25
× B1 + 6.30)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
J91
CLKOUT to ALE negate time
(MAX = 0.25
× B1 + 8.00)
—
15.60
—
14.30
—
13.00
—
11.80
ns
J92
PCWE, IOWR negated to D(0:31) invalid.1
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
J93
WAITA and WAITB valid to CLKOUT rising
edge.1 (MIN = 0.00
× B1 + 8.00)
8.00
—
8.00
—
8.00
—
8.00
—
ns
J94
CLKOUT rising edge to WAITA and WAITB
invalid.1 (MIN = 0.00
× B1 + 2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com