Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
60
Freescale Semiconductor
Mechanical Data and Ordering Information
16 Mechanical Data and Ordering Information
Table 29 identifies the packages and operating frequencies orderable for the MPC852T.
16.1
Pin Assignments
The following sections give the pinout and pin listing for the JEDEC compliant and the non-JEDEC
versions of the 16
× 16 PBGA package.
Table 29. MPC852T Package/Frequency Orderable
Package Type
Temperature (Tj)
Frequency (MHz)
Order Number
Plastic ball grid array
(VR and ZT suffix)
0
°C to 95°C
50
MPC852TVR50A
MPC852TZT50A
66
MPC852TVR66A
MPC852TZT66A
80
MPC852TVR80A
MPC852TZT80A
100
MPC852TVR100A
MPC852TZT100A
Plastic ball grid array
(CVR and CZTsuffix)
–40
°C to 100°C
50
MPC852TCVR50A
MPC852TCZT50A
66
MPC852TCVR66A
MPC852TCZT66A
80
MPC852TCVR80A
MPC852TCZT80A
100
MPC852TCVR100A
MPC852TCZT100A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com