Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
12
Freescale Semiconductor
Power Supply and Power Sequencing
9
Power Supply and Power Sequencing
This section provides design considerations for the MPC852T power supply. The MPC852T has a core
voltage (VDDL) and PLL voltage (VDDSYN) that operates at a lower voltage than the I/O voltage VDDH.
The I/O section of the MPC852T is supplied with 3.3 V across VDDH and VSS (GND).
The signals PA[0:3], PA[8:11], PB15, PB[24:25]; PB[28:31], PC[4:7], PC[12:13], PC15] PD[3:15], TDI,
TDO, TCK, TRST, TMS, MII_TXEN, MII_MDIO are 5-V tolerant. All inputs cannot be more than 2.5 V
greater than VDDH. In addition, 5-V tolerant pins can not exceed 5.5 V, and the remaining input pins cannot
exceed 3.465 V. This restriction applies to power-on reset or power down and normal operation.
One consequence of multiple power supplies is that when power is initially applied, the voltage rails ramp
up at different rates. The rates depend on the nature of the power supply, the type of load on each power
supply, and the manner in which different voltages are derived. The following restrictions apply:
•VDDL must not exceed VDDH during power-on reset or power down.
•VDDL must not exceed 1.9 V, and VDDH must not exceed 3.465.
These cautions are necessary for the long-term reliability of the part. If they are violated, the electrostatic
discharge (ESD) protection diodes are forward-biased, and excessive current can flow through these
diodes. If the system power supply design does not control the voltage sequencing, the circuit shown in
Figure 3 can be added to meet these requirements. The MUR420 Schottky diodes control the maximum
potential difference between the external bus and core power supplies on power-on reset, and the 1N5820
diodes regulate the maximum potential difference on power-down.
Figure 3. Example Voltage Sequencing Circuit
10 Mandatory Reset Configurations
The MPC852T requires a mandatory configuration during reset.
If hardware reset configuration word (HRCW) is enabled, by asserting the RSTCONF during HRESET
assertion, the HRCW[DBGC] value that is needed to be set to binary X1 in the hardware reset
configuration word (HRCW) and the SIUMCR[DBGC] should be programmed with the same value in the
boot code after reset.
If hardware reset configuration word (HRCW) is disabled, by negating the RSTCONF during the
HRESET assertion, the SIUMCR[DBGC] should be programmed with binary X1 in the boot code after
reset.
VDDH
VDDL
1N5820
MUR420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com