Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
64
Freescale Semiconductor
Mechanical Data and Ordering Information
EXTAL
M1
Analog Input (1.8 V only)
CLKOUT
N6
Output
EXTCLK
N2
Input (1.8 V only)
ALE_A
H1
Output
CE1_A
E5
Output
CE2_A
B3
Output
WAIT_A
N3
Input (3.3 V only)
IP_A0
T2
Input (3.3 V only)
IP_A1
M6
Input (3.3 V only)
IP_A2, IOIS16_A
R3
Input (3.3 V only)
IP_A3
M5
Input (3.3 V only)
IP_A4
T3
Input (3.3 V only)
IP_A5
N5
Input (3.3 V only)
IP_A6
M7
Input (3.3 V only)
IP_A7
R2
Input (3.3 V only)
DSCK
H2
Bidirectional
Three-state (3.3 V only)
IWP[0:1], VFLS[0:1]
H3, G1
Bidirectional (3.3 V only)
OP0
K1
Bidirectional (3.3 V only)
OP1
K2
Output
OP2, MODCK1, STS
K3
Bidirectional (3.3 V only)
OP3, MODCK2, DSDO
L1
Bidirectional (3.3 V only)
BADDR[28:29]
L3, L2
Output
BADDR30, REG
J3
Output
AS
J2
Input (3.3 V only)
PA11, RXD3
E16
Bidirectional
(Optional: Open-drain)
(5-V tolerant)
PA10, TXD3
H15
Bidirectional
(Optional: Open-drain)
(5-V tolerant)
PA9, RXD4
J16
Bidirectional
(Optional: Open-drain)
(5-V tolerant)
PA8, TXD4
J15
Bidirectional
(Optional: Open-drain)
(5-V tolerant)
Table 30. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com