Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
70
Freescale Semiconductor
Mechanical Data and Ordering Information
BB
G4
Bidirectional
Active Pull-up (3.3 V only)
FRZ, IRQ6
J5
Bidirectional (3.3 V only)
IRQ0
R14
Input (3.3 V only)
IRQ1
N12
Input (3.3 V only)
IRQ7, M_TX_CLK
P13
Input (3.3 V only)
CS[0:5]
C3, B3, E4, D4, F7, D5
Output
CS6
E5
Output
CS7
B4
Output
WE0, BS_B0, IORD
E7
Output
WE1, BS_B1, IOWR
D7
Output
WE2, BS_B2, PCOE
B6
Output
WE3, BS_B3, PCWE
C6
Output
BS_A[0:3]
B7, E8, D8, C8
Output
GPL_A0, GPL_B0
D6
Output
OE, GPL_A1, GPL_B1
E6
Output
GPL_A[2:3], GPL_B[2:3],
CS[2–3]
B5, C5
Output
UPWAITA, GPL_A4
D3
Bidirectional (3.3 V only)
GPL_A5
F5
Output
PORESET
R2
Input (3.3 V only)
RSTCONF
L5
Input (3.3 V only)
HRESET
K5
Open-drain
SRESET
N4
Open-drain
XTAL
P2
Analog output
EXTAL
N2
Analog input (3.3 V only)
CLKOUT
P7
Output
EXTCLK
P3
Input (3.3 V only)
ALE_A
J2
Output
CE1_A
F6
Output
CE2_A
C4
Output
WAIT_A
P4
Input (3.3 V only)
IP_A0
U3
Input (3.3 V only)
Table 31. Pin Assignments—Non-JEDEC (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com