Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
63
Mechanical Data and Ordering Information
FRZ
IRQ6
H4
Bidirectional (3.3 V only)
IRQ0
P13
Input (3.3 V only)
IRQ1
M11
Input (3.3 V only)
M_TX_CLK
IRQ7
N12
Input (3.3 V only)
CS[0:5]
B2, A2, D3, C3, E6, C4
Output
CS6
D4
Output
CS7
A3
Output
WE0
BS_B0
IORD
D6
Output
WE1
BS_B1
IOWR
C6
Output
WE2
BS_B2
PCOE
A5
Output
WE3
BS_B3
PCWE
B5
Output
BS_A[0:3]
A6, D7, C7, B7
Output
GPL_A0
GPL_B0
C5
Output
OE
GPL_A1
GPL_B1
D5
Output
GPL_A[2:3]
GPL_B[2:3]
CS[2–3]
A4, B4
Output
UPWAITA
GPL_A4
C2
Bidirectional (3.3 V only)
GPL_A5
E4
Output
PORESET
P1
Input (3.3 V only)
RSTCONF
K4
Input (3.3 V only)
HRESET
J4
Open-drain
SRESET
M3
Open-drain
XTAL
N1
Analog Output
Table 30. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com