Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
40
Freescale Semiconductor
Bus Signal Timing
Table 14 shows the reset timing for the MPC852T.
Table 14. Reset Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
J82
CLKOUT to HRESET high impedance
(MAX = 0.00
× B1 + 20.00)
—
20.00
—
20.00
—
20.00
—
20.00
ns
J83
CLKOUT to SRESET high impedance
(MAX = 0.00
× B1 + 20.00)
—
20.00
—
20.00
—
20.00
—
20.00
ns
J84
RSTCONF pulse width (MIN = 17.00
× B1) 515.20
—
425.00
—
340.00
—
257.60
—
ns
J85
—
——
——
——
——
—
J86
Configuration data to HRESET rising edge
set up time (MIN = 15.00
× B1 + 50.00)
504.50
—
425.00
—
350.00
—
277.30
—
ns
J87
Configuration data to RSTCONF rising
edge set up time
(MIN = 0.00
× B1 + 350.00)
350.00
—
350.00
—
350.00
—
350.00
—
ns
J88
Configuration data hold time after
RSTCONF negation
(MIN = 0.00
× B1 + 0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
J89
Configuration data hold time after
HRESET negation
(MIN = 0.00
× B1 + 0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
J90
HRESET and RSTCONF asserted to data
out drive (MAX = 0.00
× B1 + 25.00)
—
25.00
—
25.00
—
25.00
—
25.00
ns
J91
RSTCONF negated to data out high
impedance. (MAX = 0.00
× B1 + 25.00)
—
25.00
—
25.00
—
25.00
—
25.00
ns
J92
CLKOUT of last rising edge before chip
three-states HRESET to data out high
impedance. (MAX = 0.00
× B1 + 25.00)
—
25.00
—
25.00
—
25.00
—
25.00
ns
J93
DSDI, DSCK set up (MIN = 3.00
× B1)
90.90
—
75.00
—
60.00
—
45.50
—
ns
J94
DSDI, DSCK hold time
(MIN = 0.00
× B1 + 0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
J95
SRESET negated to CLKOUT rising edge
for DSDI and DSCK sample
(MIN = 8.00
× B1)
242.40
—
200.00
—
160.00
—
121.20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com