Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
48
Freescale Semiconductor
CPM Electrical Characteristics
14.4
Timer AC Electrical Specifications
Table 19 provides the general-purpose timer timings as shown in Figure 46.
Figure 46. CPM General-Purpose Timers Timing Diagram
14.5
SCC in NMSI Mode Electrical Specifications
Table 20 provides the NMSI external clock timing.
Table 19. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10
—
ns
62
TIN/TGATE low time
1
—
clk
63
TIN/TGATE high time
2
—
clk
64
TIN/TGATE cycle time
3
—
clk
65
CLKO low to TOUT valid
3
25
ns
Table 20. NMSI External Clock Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK3 and TCLK3 width high1
1/SYNCCLK
—
ns
101
RCLK3 and TCLK3 width low
1/SYNCCLK + 5
—
ns
102
RCLK3 and TCLK3 rise/fall time
—
15.00
ns
103
TXD3 active delay (from TCLK3 falling edge)
0.00
50.00
ns
104
RTS3 active/inactive delay (from TCLK3 falling edge)
0.00
50.00
ns
105
CTS3 setup time to TCLK3 rising edge
5.00
—
ns
106
RXD3 setup time to RCLK3 rising edge
5.00
—
ns
CLKO
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com