Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
13
Layout Practices
The MBMR[GPLB4DIS], PAPAR, PADIR, PBPAR, PBDIR, PCPAR, and PCDIR should be configured
with the mandatory value in Table 6 in the boot code after the reset deasserts.
11 Layout Practices
Each VDD pin on the MPC852T should be provided with a low-impedance path to the board’s supply. Each
GND pin should likewise be provided with a low-impedance path to ground. The power supply pins drive
distinct groups of logic on chip. The V
DD power supply should be bypassed to ground using at least four
0.1 µF bypass capacitors located as close as possible to the four sides of the package. Each board designed
should be characterized and additional appropriate decoupling capacitors should be used if required. The
capacitor leads and associated printed-circuit traces connecting to chip VDD and GND should be kept to
less than half an inch per capacitor lead. At a minimum, a four-layer board employing two inner layers as
VDD and GND planes should be used.
All output pins on the MPC852T have fast rise and fall times. Printed-circuit (PC) trace interconnection
length should be minimized to minimize undershoot and reflections that these fast output switching times
cause. This recommendation particularly applies to the address and data buses. Maximum PC trace lengths
of six inches are recommended. Capacitance calculations should consider all device loads as well as
parasitic capacitances that the PC traces cause. Attention to proper PCB layout and bypassing becomes
especially critical in systems with higher capacitive loads, because these loads create higher transient
currents in the VDD and GND circuits. Pull up all unused inputs or signals that are inputs during reset.
Special care should be taken to minimize the noise levels on the PLL supply pins. For more information,
please refer to the MPC866 PowerQUICC™ Family Reference Manual, Section 14.4.3, “Clock
Synthesizer Power (VDDSYN, VSSSYN, VSSSYN1).”
Table 6. Mandatory Reset Configuration of MPC852T
Register/Configuration
Field
Value
(Binary)
HRCW (Hardware reset configuration word)
HRCW[DBGC]
X1
SIUMCR (SIU module configuration register)
SIUMCR[DBGC]
X1
MBMR (Machine B mode register)
MBMR[GPLB4DIS}
0
PAPAR (Port A pin assignment register)
PAPAR[4–7]
PAPAR[12–15]
0
PADIR (Port A data direction register)
PADIR[4–7]
PADIR[12–15]
1
PBPAR (Port B pin assignment register)
PBPAR[14]
PBPAR[16–23]
PBPAR[26–27]
0
PBDIR (Port B data direction register)
PBDIR[14]
PBDIR[16–23]
PBDIR[26–27]
1
PCPAR (Port C pin assignment register)
PCPAR[8–11]
PCDIR[14]
0
PCDIR (Port C data direction register)
PCDIR[8–11]
PCDIR[14]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com