Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 102 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 98Page - STMicroelectronics PSD813F1 Datasheet HTML 99Page - STMicroelectronics PSD813F1 Datasheet HTML 100Page - STMicroelectronics PSD813F1 Datasheet HTML 101Page - STMicroelectronics PSD813F1 Datasheet HTML 102Page - STMicroelectronics PSD813F1 Datasheet HTML 103Page - STMicroelectronics PSD813F1 Datasheet HTML 104Page - STMicroelectronics PSD813F1 Datasheet HTML 105Page - STMicroelectronics PSD813F1 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 120 page
background image
PSD813F1-A
Preliminary
98
-15
-20
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tLVDV
ALE Access Time from
Power Down
150
200
ns
Maximum Delay from APD Enable
tCLWH
to Internal PDN Valid Signal
Using CLKIN Input
15 * tCLCL (Note 1)
µs
Power Down Timing (3.0 V to 3.6 V Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tNLNH
Warm RESET Active Low Time (Note 1)
300
ns
tOPR
RESET High to Operational Device
300
ns
tNLNH-PO
Power On Reset Active Low Time
1ms
(Note 2)
Reset Timing (3.0 V to 3.6 V Versions)
NOTE: 1. tCLCL is the CLKIN clock period.
Microcontroller Interface – PSD813F1V AC/DC Parameters
(3.0 V to 3.6 V Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
Vstby Detection to Vstbyon Output
High
2.0
µs
tBXBL
Vstby Off Detection to Vstbyon
Output Low
2.0
µs
Vstbyon Timing (3.0 V to 3.6 V Versions)
NOTE: 1. RESET will not reset Flash or EEPROM programming/erase cycles.
2. tNLNH-PO is 10 ms for devices manufactured before the rev. A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com