Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1 Datasheet(PDF) 103 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 99Page - STMicroelectronics PSD813F1 Datasheet HTML 100Page - STMicroelectronics PSD813F1 Datasheet HTML 101Page - STMicroelectronics PSD813F1 Datasheet HTML 102Page - STMicroelectronics PSD813F1 Datasheet HTML 103Page - STMicroelectronics PSD813F1 Datasheet HTML 104Page - STMicroelectronics PSD813F1 Datasheet HTML 105Page - STMicroelectronics PSD813F1 Datasheet HTML 106Page - STMicroelectronics PSD813F1 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 120 page
background image
Preliminary
PSD813F1-A
99
Microcontroller Interface – PSD813F1V AC/DC Parameters
(3.0 V to 3.6 V Versions)
Symbol
Parameter
Min
Typ
Max
Unit
Flash Program
8.5
sec
Flash Bulk Erase (Preprogrammed) (Note 1)
3
30
sec
Flash Bulk Erase (Not Preprogrammed)
10
sec
tWHQV3
Sector Erase (Preprogrammed)
1
30
sec
tWHQV2
Sector Erase (Not Preprogrammed)
2.2
sec
tWHQV1
Byte Program
14
1200
µs
Program/Erase Cycles (Per Sector)
100,000
cycles
tWHWLO
Sector Erase Time-Out
100
µs
tQ7VQV
DQ7 Valid to Output (DQ7-0) Valid
(Data Polling) (Note 2)
30
ns
Flash Program, Write and Erase Times (3.0 V to 3.6 V Versions)
-15
-20
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tISCCF
TCK Clock Frequency (except for PLD)
(Note 1)
10
9
MHz
tISCCH
TCK Clock High Time
(Note 1)
45
51
ns
tISCCL
TCK Clock Low Time
(Note 1)
45
51
ns
tISCCF-P
TCK Clock Frequency (for PLD only)
(Note 2)
2
2
MHz
tISCCH-P
TCK Clock High Time (for PLD only)
(Note 2)
240
240
ns
tISCCL-P
TCK Clock Low Time (for PLD only)
(Note 2)
240
240
ns
tISCPSU
ISC Port Set Up Time
13
15
ns
tISCPH
ISC Port Hold Up Time
10
10
ns
tISCPCO
ISC Port Clock to Output
36
40
ns
tISCPZV
ISC Port High-Impedance to Valid Output
36
40
ns
tISCPVZ
ISC Port Valid Output to High-Impedance
36
40
ns
ISC Timing (3.0 V to 3.6 V Versions)
NOTES: 1. Programmed to all zeros before erase.
2. The Polling Status DQ7 is valid tQ7VQV ns before the data byte DQ0-7 is valid for reading.
Symbol
Parameter
Min
Typ
Max
Unit
tEEHWL
Write Protect After Power Up
5
msec
tBLC
EEPROM Byte Load Cycle Timing (Note 1)
0.2
120
µsec
tWCB
EEPROM Byte Write Cycle Time
4
10
msec
tWCP
EEPROM Page Write Cycle Time (Note 2)
6
30
msec
Program/Erase Cycles (Per Sector)
10,000
cycles
EEPROM Write Times (3.0 V to 3.6 V Versions)
NOTES: 1. If the maximum time has elapsed between successive writes to an EEPROM page, the transfer of this data to EEPROM cells will
begin. Also, bytes cannot be written (loaded) to a page any faster than the indicated minimum type.
2. These specifications are for writing a page to EEPROM cells.
NOTES: 1. For “non-PLD” programming, erase or in ISC by-pass mode.
2. For program or erase PLD only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com