Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 77 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 77 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 73Page - Omron Electronics LLC F3SG-R Datasheet HTML 74Page - Omron Electronics LLC F3SG-R Datasheet HTML 75Page - Omron Electronics LLC F3SG-R Datasheet HTML 76Page - Omron Electronics LLC F3SG-R Datasheet HTML 77Page - Omron Electronics LLC F3SG-R Datasheet HTML 78Page - Omron Electronics LLC F3SG-R Datasheet HTML 79Page - Omron Electronics LLC F3SG-R Datasheet HTML 80Page - Omron Electronics LLC F3SG-R Datasheet HTML 81Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
F3SG-RE
77
Spatter Protection Cover (2 covers per set, one for emitter and one for receiver)
Spatter Protection Covers include the mounting brackets.
For Safety Light Curtain models of the protective height of 2,000 mm or longer, use two Spatter Protection Covers of different lengths.
Note: The operating range of the Safety Light Curtain attached with the product is 10% shorter than the rating.
Test Rod
Ratings/Specifications
Main unit
The
@@@@ in the model names indicate the protective heights in millimeters.
Appearance
Safety Light Curtain Model
Model
Finger protection
Hand and arm protection
F3SG-4RE0160
@14
F3SG-4RE0190
@30
F39-HGB0180
F3SG-4RE0240
@14
F3SG-4RE0270
@30
F39-HGB0260
F3SG-4RE0320
@14
F3SG-4RE0350
@30
F39-HGB0340
F3SG-4RE0400
@14
F3SG-4RE0430
@30
F39-HGB0420
F3SG-4RE0480
@14
F3SG-4RE0510
@30
F39-HGB0500
F3SG-4RE0560
@14
F3SG-4RE0590
@30
F39-HGB0580
F3SG-4RE0640
@14
F3SG-4RE0670
@30
F39-HGB0660
F3SG-4RE0720
@14
F3SG-4RE0750
@30
F39-HGB0740
F3SG-4RE0800
@14
F3SG-4RE0830
@30
F39-HGB0820
F3SG-4RE0880
@14
F3SG-4RE0910
@30
F39-HGB0900
F3SG-4RE0960
@14
F3SG-4RE0990
@30
F39-HGB0980
F3SG-4RE1040
@14
F3SG-4RE1070
@30
F39-HGB1060
F3SG-4RE1120
@14
F3SG-4RE1150
@30
F39-HGB1140
F3SG-4RE1200
@14
F3SG-4RE1230
@30
F39-HGB1220
F3SG-4RE1280
@14
F3SG-4RE1310
@30
F39-HGB1300
F3SG-4RE1360
@14
F3SG-4RE1390
@30
F39-HGB1380
F3SG-4RE1440
@14
F3SG-4RE1470
@30
F39-HGB1460
F3SG-4RE1520
@14
F3SG-4RE1550
@30
F39-HGB1540
F3SG-4RE1600
@14
F3SG-4RE1630
@30
F39-HGB1620
F3SG-4RE1680
@14
F3SG-4RE1710
@30
F39-HGB1700
F3SG-4RE1760
@14
F3SG-4RE1790
@30
F39-HGB1780
F3SG-4RE1840
@14
F3SG-4RE1870
@30
F39-HGB1860
F3SG-4RE1920
@14
F3SG-4RE1950
@30
F39-HGB1940
F3SG-4RE2000
@14
F3SG-4RE2030
@30
F39-HGB1460
F39-HGA0550
F3SG-4RE2080
@14
F3SG-4RE2110
@30
F39-HGB1540
F39-HGA0550
−
F3SG-4RE2190
@30
F39-HGB1620
F39-HGA0550
−
F3SG-4RE2270
@30
F39-HGB1700
F39-HGA0550
−
F3SG-4RE2350
@30
F39-HGB1780
F39-HGA0550
−
F3SG-4RE2430
@30
F39-HGB1860
F39-HGA0550
−
F3SG-4RE2510
@30
F39-HGB1940
F39-HGA0550
Diameter
Model
14 mm dia.
F39-TRD14
30 mm dia.
F39-TRD30
F3SG-4RE
@@@@-14, F3SG-2RE@@@@-14
F3SG-4RE
@@@@-30, F3SG-2RE@@@@-30
Perfor-
mance
Type of ESPE
(IEC 61496-1)
Type 4
F3SG-4RE
@@@@@14/30
Type 2
F3SG-2RE
@@@@@14/30
Object Resolution
(Detection Capability)
Opaque objects
14-mm dia.
30-mm dia.
Beam Gap
10mm
20mm
Number of Beams
15 to 207
8 to 124
Lens Size
5.2
×3.4 (W×H) mm
7-mm dia.
Protective Height
160 to 2080 mm (6.3 to81.9 inch)
190 to 2510 mm (7.3 to98.7 inch)
Operating Range
Long
0.3 to 10.0 m (1 to 32 ft.)
0.3 to 20.0 m (1 to 65 ft.)
Short
0.3 to 3.0 m (1 to 10 ft.)
0.3 to 7.0 m (1 to 23 ft.)
Response Time
ON to OFF
5 to 15ms *1
OFF to ON
25 to 75ms *1
*1.Response time when used in one segment system
Refer to page 79.
Effective Aperture
Angle (EAA)
(IEC61496-2)
Type 4
±2.5° max., emitter and receiver at operating range of 3 m or greater
Type 2
±5.0° max., emitter and receiver at operating range of 3 m or greater



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com