Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 25Page - Omron Electronics LLC F3SG-R Datasheet HTML 26Page - Omron Electronics LLC F3SG-R Datasheet HTML 27Page - Omron Electronics LLC F3SG-R Datasheet HTML 28Page - Omron Electronics LLC F3SG-R Datasheet HTML 29Page - Omron Electronics LLC F3SG-R Datasheet HTML 30Page - Omron Electronics LLC F3SG-R Datasheet HTML 31Page - Omron Electronics LLC F3SG-R Datasheet HTML 32Page - Omron Electronics LLC F3SG-R Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 164 page
background image
F3SG-RA
29
Standalone F3SG-RA using NPN Outputs
Standard Muting Mode/Exit-Only Muting Mode using NPN Outputs
The following is the example of External Device Monitoring enabled, Auto Reset mode, NPN output and External Test in 0 V Active.
DIP Switch settings *3
: Indicates a switch position.
Configure functions with the DIP Switches before wiring.
Wiring Example
Note: For the functional earth connection, refer to page 28.
Function
DIP-SW1
DIP-SW2
Receiver
EDM Enabled
Auto Reset (factory default setting)
NPN
Emitter
External Test: 0 V Active
2ON
2ON
3ON
3ON
4ON
4ON
7ON
7ON
4ON
S1: Test Switch (Connect the line to 24 V if this switch is not required)
S2: Override Cancel Switch
S3: Lockout/Interlock Reset Switch or Override Switch
S4, S5: Muting sensor
KM1, KM2: Safety relay with forcibly guided
contacts (G7SA) or magnetic contactor
M: Motor
S1
S3
Power Supply
+24 VDC
0 VDC
S5
S2
*2
S4
KM1
KM2
KM1
KM2
KM1
KM2
M
Unblocked
Blocked
MUTE A
MUTE B
OSSD
Test Switch (S1)
Beam state
PLC *4
IN
F39-JG
@A-L
F39-JG
@A-D
*1.Also used as Override input line.
*2.Make sure to connect an override cancel switch to the Reset line
when using the override function. Otherwise the override state may
not be released by the override cancel switch, resulting in serious
injury.
*3.The functions are configurable with DIP Switch. Refer to Safety
Light Curtain F3SG-R Series User's Manual for more information on
setting the functions by the DIP Switch.
*4.When connecting to the PLC, the output mode must be changed
with the Configuration Tool according to your application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com