Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 9Page - Omron Electronics LLC F3SG-R Datasheet HTML 10Page - Omron Electronics LLC F3SG-R Datasheet HTML 11Page - Omron Electronics LLC F3SG-R Datasheet HTML 12Page - Omron Electronics LLC F3SG-R Datasheet HTML 13Page - Omron Electronics LLC F3SG-R Datasheet HTML 14Page - Omron Electronics LLC F3SG-R Datasheet HTML 15Page - Omron Electronics LLC F3SG-R Datasheet HTML 16Page - Omron Electronics LLC F3SG-R Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
Easy type
F3SG-RE
Ideal for
simple
applications
F3SJ-B
F3SJ-E
F3SJ-A
More slim – F3SJ Series
| 13
14-mm dia.
10 mm
0.3 to 10 m
160 to 2,080 mm
15 to 207
30-mm dia.
20 mm
0.3 to 20 m
190 to 2,510 mm
8 to 124
25-mm dia.
20 mm
0.2 to 7 m
185 to 1,105 mm
8 to 54
25-mm dia.
20 mm
0.2 to 7 m
185 to 2,065 mm
8 to 102
0.2 to 9 m *3
245 to 2,495 mm *3
Varies depending on the beam gap *3
-
-
-
-
IP65
•
-
SD Manager
•
-
-
-
-
-
-
-
-
-
-
-
-
-
-
IP65
-
-
-
•
-
-
-
-
-
-
-
-
-
IP65
-
-
-
•
-
-
-
-
-
-
-
-
-
-
-
-
-
-
IP67
-
-
-
•
•
•
••
•
•
•
(Not required for wired synchronization)
+
/
14/20/30/55-mm dia.
9/15/25/50 mm
Finger protection
Hand and arm protection
Body protection
Detection capability
Beam gap
Operating range
Protective height
Number of beams
PNP/NPN Selection
External Test
Interlock
Pre-Reset
External Device Monitoring (EDM)
Auxiliary Output
Muting
Blanking
Reduced Resolution
Warning Zone
Scan Code Selection
Operating Range Selection
Response Time Adjustment
Designated Beam Output
Cascade Connection
Reduced wiring
Degree of protection
Lamp
Bluetooth communication unit
SD Manager2
Laser pointer
More information
Application
Specification
Feature
Connection/
wiring
Environmental
resistance
Accessory
*3. Varies depending on the model.
Refer to the F3SJ Series Catalog (Cat. No. F074) or visit the Omron website for details of the F3SJ Series.
Search
F3SJ
For details
www.ia.omron.com/
Page 73
Refer to the F3SJ Series Catalog (Cat. No. F074).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com