Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 98 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 98 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 94Page - Omron Electronics LLC F3SG-R Datasheet HTML 95Page - Omron Electronics LLC F3SG-R Datasheet HTML 96Page - Omron Electronics LLC F3SG-R Datasheet HTML 97Page - Omron Electronics LLC F3SG-R Datasheet HTML 98Page - Omron Electronics LLC F3SG-R Datasheet HTML 99Page - Omron Electronics LLC F3SG-R Datasheet HTML 100Page - Omron Electronics LLC F3SG-R Datasheet HTML 101Page - Omron Electronics LLC F3SG-R Datasheet HTML 102Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 164 page
background image
F3SG-RA-01TS
98
Spatter Protection Cover (2 covers per set, one for emitter and one for receiver)
Spatter Protection Covers include mounting brackets.
Note: 1. The operating range of the Safety Light Curtain attached with the product is 10% shorter than the rating.
2. The product extends over the DIP Switch cover of the Safety Light Curtain. Be sure to use the product only after all required settings are
made to the DIP Switch.
Test Rod
Appearance
Safety Light Curtain Model
Model
Hand protection
F3SG-4RA0185-25-01TS
F39-HGA0200
F3SG-4RA0265-25-01TS
F39-HGA0280
F3SG-4RA0345-25-01TS
F39-HGA0360
F3SG-4RA0425-25-01TS
F39-HGA0440
F3SG-4RA0505-25-01TS
F39-HGA0520
F3SG-4RA0585-25-01TS
F39-HGA0600
F3SG-4RA0665-25-01TS
F39-HGA0680
F3SG-4RA0745-25-01TS
F39-HGA0760
F3SG-4RA0825-25-01TS
F39-HGA0840
F3SG-4RA0905-25-01TS
F39-HGA0920
F3SG-4RA0985-25-01TS
F39-HGA1000
F3SG-4RA1065-25-01TS
F39-HGA1080
F3SG-4RA1145-25-01TS
F39-HGA1160
F3SG-4RA1225-25-01TS
F39-HGA1240
F3SG-4RA1305-25-01TS
F39-HGA1320
F3SG-4RA1385-25-01TS
F39-HGA1400
F3SG-4RA1465-25-01TS
F39-HGA1480
F3SG-4RA1545-25-01TS
F39-HGA1560
F3SG-4RA1625-25-01TS
F39-HGA1640
F3SG-4RA1705-25-01TS
F39-HGA1720
F3SG-4RA1785-25-01TS
F39-HGA1800
F3SG-4RA1865-25-01TS
F39-HGA1880
F3SG-4RA1945-25-01TS
F39-HGA1960
Diameter
Model
25 mm dia.
F39-TRD25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com