Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 11Page - Omron Electronics LLC F3SG-R Datasheet HTML 12Page - Omron Electronics LLC F3SG-R Datasheet HTML 13Page - Omron Electronics LLC F3SG-R Datasheet HTML 14Page - Omron Electronics LLC F3SG-R Datasheet HTML 15Page - Omron Electronics LLC F3SG-R Datasheet HTML 16Page - Omron Electronics LLC F3SG-R Datasheet HTML 17Page - Omron Electronics LLC F3SG-R Datasheet HTML 18Page - Omron Electronics LLC F3SG-R Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 164 page
background image
ntenance
e
Protective height
Specifications
Detection capability
14-mm dia.
160 to 2,080 mm
(15 to 207 beams)
30-mm dia.
190 to 2,510 mm
(8 to 124 beams)
See
p.16 for details.
See
p.44 for details.
See
p.73 for details.
14-mm dia./30-mm dia.
Accessory
Sold separately
・Standard fixed bracket
・Standard adjustable bracket
・Top/bottom adjustable bracket
・Top/bottom adjustable bracket
(for user-made mounting part)
Connector
Beam gap
10 mm/20 mm
Operating range
0.3 to 10 m/
0.3 to 20 m
Brackets
Cable
Accessories (sold separately)
Sold separately
Connector
Connector
Detection capability
25-mm dia.
Beam gap
20 mm
Operating range
0.2 to 7 m
www.ia.omron.com/
25-mm dia.
185 to 1,105 mm
(8 to 54 beams)
14-mm dia.
240 to 1,920 mm
(23 to 191 beams)
25-mm dia.
240 to 1,920 mm
(12 to 96 beams)
14-mm dia.
160 to 2,080 mm
(15 to 207 beams)
30-mm dia.
190 to 2,510 mm
(8 to 124 beams)
Single/double-ended connector cable
Cascading cable
Reduced wiring connector
Laser pointer
Spatter protection cover
Lamp
Bluetoothcommunication unit
SD Manager2
Single/double-ended connector cable
Cascading cable
Reduced wiring connector
Laser pointer
Lamp
Bluetooth communication unit
SD Manager2
Single/double-ended connector cable
Reduced wiring connector
Laser pointer
Spatter protection cover
Detection capability
25-mm dia.
Beam gap
20 mm
Operating range
0.2 to 7 m
25-mm dia.
185 to 2,065 mm
(8 to 102 beams)
Detection capability
14-mm dia. -
Beam gap
9 mm -
Operating range
0.2 to 9 m
14-mm dia.
245 to 1,271 mm
(26 to 140 beams)
Detection capability
14-mm dia./25-mm dia.
Beam gap
10 mm/20 mm
Operating range
0.3 to 10 m/
0.3 to 17 m
Detection capability
14-mm dia./30-mm dia.
Accessory
Sold separately
・Standard fixed Bracket
・Standard adjustable bracket
・Top/bottom adjustable bracket
・Top/bottom adjustable bracket
(for user-made mounting part)
Beam gap
10 mm/20 mm
Operating range
0.3 to 10 m/
0.3 to 20 m
* ENVIRONMENT RESISTANT type
Protective height: 225 to 1,985 mm Operating range: 0.2 to 6 m
* When the minimum object resolution is 14 mm
and the beam gap is 9 mm.
Refer to the F3SJ Series Catalog (Cat.
No. F074) or visit the Omron website
for details of the F3SJ Series.
Search
F3SJ
andard fixed brac
See
p.4
See
p.1
See
p.7
・Free-Location
Bracket
(Intermediate Bracket)
・Top/bottom
Bracket (3types)
* The F3SG-RA-
□TS has different specifications.
See the following pages:F3SG-4RA-01TS: p.
93 F3SG-RA-02TS: p. 120
| 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com