Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 94 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 94 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 90Page - Omron Electronics LLC F3SG-R Datasheet HTML 91Page - Omron Electronics LLC F3SG-R Datasheet HTML 92Page - Omron Electronics LLC F3SG-R Datasheet HTML 93Page - Omron Electronics LLC F3SG-R Datasheet HTML 94Page - Omron Electronics LLC F3SG-R Datasheet HTML 95Page - Omron Electronics LLC F3SG-R Datasheet HTML 96Page - Omron Electronics LLC F3SG-R Datasheet HTML 97Page - Omron Electronics LLC F3SG-R Datasheet HTML 98Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 164 page
background image
F3SG-RA-01TS
94
Ordering Information
Main Units
Safety Light Curtain
Hand and arm protection
Accessories (Sold separately)
Safety light curtain connecting cable
Single-Ended Cable (2 cables per set, one for emitter and one for receiver) *
* The cable for emitter and the cable for receiver are available separately. Add '-L' for emitter or '-D' for receiver to the end of the model number
when you order.
Single-Ended Cable for Emitter: F39-JD
@A-L, Single-Ended Cable for Receiver: F39-JD@A-D
Note: To extend the cable length to more than 20 m, add the F39-JD
@B Double-Ended Cable.
Number of beams
Protective height
(mm)
Model
8
185
F3SG-4RA0185-25-01TS
12
265
F3SG-4RA0265-25-01TS
16
345
F3SG-4RA0345-25-01TS
20
425
F3SG-4RA0425-25-01TS
24
505
F3SG-4RA0505-25-01TS
28
585
F3SG-4RA0585-25-01TS
32
665
F3SG-4RA0665-25-01TS
36
745
F3SG-4RA0745-25-01TS
40
825
F3SG-4RA0825-25-01TS
44
905
F3SG-4RA0905-25-01TS
48
985
F3SG-4RA0985-25-01TS
52
1,065
F3SG-4RA1065-25-01TS
56
1,145
F3SG-4RA1145-25-01TS
60
1,225
F3SG-4RA1225-25-01TS
64
1,305
F3SG-4RA1305-25-01TS
68
1,385
F3SG-4RA1385-25-01TS
72
1,465
F3SG-4RA1465-25-01TS
76
1,545
F3SG-4RA1545-25-01TS
80
1,625
F3SG-4RA1625-25-01TS
84
1,705
F3SG-4RA1705-25-01TS
88
1,785
F3SG-4RA1785-25-01TS
92
1,865
F3SG-4RA1865-25-01TS
96
1,945
F3SG-4RA1945-25-01TS
Appearance
Cable length
Specifications
Model
3m
F39-JD3A
7m
F39-JD7A
10m
F39-JD10A
15m
F39-JD15A
20m
F39-JD20A
Connected to Power Cable or Double-Ended Cable
5
8
4
3
2
1
7
6
Female
2
7
5
6
1
+24 VDC
0 VDC
Not used
Not used
Not used
Brown
Blue
Gray
Pink
White
8
Not used
Red
3TEST
Black
4
Not used
Yellow
Shield
Connected to Power Cable or Double-Ended Cable
5
8
4
3
2
1
7
6
Female
2
7
5
6
1
+24 VDC
0 VDC
Not used
Not used
OSSD 2
Brown
Blue
Gray
Pink
White
8EDM
Red
3OSSD 1
Black
4
AUX
Yellow
Shield
For emitter M12 connector (8-pin), Color: Gray
For receiver M12 connector (8-pin), Color: Gray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com