Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 78 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 78 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 74Page - Omron Electronics LLC F3SG-R Datasheet HTML 75Page - Omron Electronics LLC F3SG-R Datasheet HTML 76Page - Omron Electronics LLC F3SG-R Datasheet HTML 77Page - Omron Electronics LLC F3SG-R Datasheet HTML 78Page - Omron Electronics LLC F3SG-R Datasheet HTML 79Page - Omron Electronics LLC F3SG-R Datasheet HTML 80Page - Omron Electronics LLC F3SG-R Datasheet HTML 81Page - Omron Electronics LLC F3SG-R Datasheet HTML 82Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 164 page
background image
F3SG-RE
78
Perfor-
mance
Light Source
Infrared LEDs, Wavelength: 870 nm
Startup Waiting Time
2 s max.
Electricall
Power Supply Voltage (Vs)
SELV/PELV 24 VDC
±20% (ripple p-p 10% max.)
Current Consumption
Refer to page 79
Safety Outputs (OSSD)
F3SG-
@RE@@@@P@@: Two PNP transistor outputs
F3SG-
@RE@@@@N@@: Two NPN transistor outputs
Load current of 300 mA max., Residual voltage of 2 V max. (except for voltage drop due to cable
extension), Capacitive load of 1
μF max., Inductive load of 2.2 H max. *1
Leakage current of 1 mA max. (PNP), 2 mA max. (NPN) *2
*1.The load inductance is the maximum value when the safety output frequently repeats ON and OFF.
When you use the safety output at 4 Hz or less, the usable load inductance becomes larger.
*2.These values must be taken into consideration when connecting elements including a capacitive
load such as a capacitor.
Output Operation
Mode
Safety
Output
Light-ON (Safety output is enabled when the receiver receives an emitting signal.)
Input Voltage
ON Voltage
Operating Range Select Input:
Long: 9 V to Vs (sink current 3 mA max.) *
Short: 0 to 3 V (source current 3 mA max.)
OFF Voltage
*The Vs indicates a supply voltage value in your environment.
Overvoltage Category (IEC60664-1) II
Indicators
Refer to page 80
Protective Circuit
Output short protection, Power supply reverse polarity protection
Insulation Resistance
20 M
Ω or higher (500 VDC megger)
Dielectric Strength
1,000 VAC, 50/60 Hz (1 min)
Functional Test Function
Self-test (at power-on, and during operation)
Environ-
mental
Ambient
Temperature
Operating
-10 to 55
°C (14 to 131°F) (non-icing)
Storage
-25 to 70
°C (-13 to 158°F)
Ambient
Humidity
Operating
35% to 85% (non-condensing)
Storage
35% to 95%
Ambient Illuminance
Incandescent lamp: 3,000 Ix max. on receiver surface
Sunlight: 10,000 Ix max. on receiver surface
Degree of Protection (IEC 60529)
IP65 and IP67
Vibration Resistance (IEC 61496-1)
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock Resistance (IEC 61496-1) 100 m/s2, 1000 shocks for all 3 axes
Pollution Degree (IEC 60664-1)
Pollution Degree 3
Connec-
tions
Power cable
Type of Connection M12 connectors: 4-pin, IP67 rated when mated,Cables prewired to the sensors
Number of Wires
Emitter: 4, Receiver: 4
Cable Length
0.3 m
Cable Diameter
6 mm
Minimum Bend-
ing Radius
R5 mm
Extension cable
- Single-Ended
Cable
- Double-Ended
Cable
Type of Connection
Use the XS5
@-D42@ series cables.
Number of Wires
Cable Length
Cable Diameter
Minimum Bend-
ing Radius
Extension of Power Cable
100 m max.
Material
Material
Housing: Aluminum alloy
Cap: PBT resin
Front window: Acrylic resin
Cable: Oil-resistant PVC resin
Standard Fixed Bracket (F39-LGF): Zinc alloy
FE plate: Stainless steel
Weight
Refer to page 79.
Included Accessories
Safety Precautions, Quick Installation Manual, Standard Fixed Bracket*1, Troubleshooting Guide
Sticker
*1.The quantity of Standard Fixed Brackets included varies depending on the protective height.
[F3SG-
@RE@@@@@14]
- Protective height of 0160 to 1200: 2 sets
- Protective height of 1280 to 2080: 3 sets
[F3SG-
@RE@@@@@30]
- Protective height of 0190 to 1230: 2 sets
- Protective height of 1310 to 2270: 3 sets
- Protective height of 2350 to 2510: 4 sets
Conformity
Conforming standards
Refer to page 26
Performance Level
(PL)/Safety category
Type 4
PL e/Category 4 (EN ISO 13849-1:2015)
Type 2
PL c/Category 2 (EN ISO 13849-1:2015)
PFHD
9.1
× 10-9 (IEC 61508)
Proof test interval TM
Every 20 years (IEC 61508)
SFF
99% (IEC 61508)
HFT
1 (IEC 61508)
Classification
Type B (IEC 61508-2)
F3SG-4RE
@@@@-14, F3SG-2RE@@@@-14
F3SG-4RE
@@@@-30, F3SG-2RE@@@@-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com