Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 82 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 82 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 78Page - Omron Electronics LLC F3SG-R Datasheet HTML 79Page - Omron Electronics LLC F3SG-R Datasheet HTML 80Page - Omron Electronics LLC F3SG-R Datasheet HTML 81Page - Omron Electronics LLC F3SG-R Datasheet HTML 82Page - Omron Electronics LLC F3SG-R Datasheet HTML 83Page - Omron Electronics LLC F3SG-R Datasheet HTML 84Page - Omron Electronics LLC F3SG-R Datasheet HTML 85Page - Omron Electronics LLC F3SG-R Datasheet HTML 86Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 164 page
background image
F3SG-RE
82
Standalone F3SG-RE with Y-Joint Plug/Socket Connector
Note: 1. When using the reduced wiring connector system F39-GCNY1, the Operating Range Selection is fixed to Long Mode.
2. For the functional earth connection, refer to the Short Mode example.
Connectable Safety Control Units
The F3SG-RE with PNP output can be connected to the safety control units listed in the table below.
The F3SG-R with NPN output can be connected to the safety control units listed in the table below.
Connectable Safety Control Units (PNP output)
Safety Relay Units
Flexible Safety Units
Safety Controllers
G9SA-301
G9SA-321-T
@
G9SA-501
G9SB-200-B
G9SB-200-D
G9SB-301-B
G9SB-301-D
G9SE-201
G9SE-401
G9SE-221-T
@
G9SX-AD322-T
G9SX-ADA222-T
G9SX-BC202
G9SX-GS226-T15
G9SP-N10S
G9SP-N10D
G9SP-N20S
NE0A-SCPU01
NE1A-SCPU01
NE1A-SCPU02
DST1-ID12SL-1
DST1-MD16SL-1
DST1-MRD08SL-1
NX-SIH400
NX-SID800
F3SP-T01
Connectable Safety Control Units (NPN output)
Safety Relay Units
G9SA-301-P
+24V DC
0V
XS5W-D42 - 81-
F39-GCNY1
XS5F-D42 - 80-
IN1
IN2
Safety
Controller *1*2
Power supply
Unblocked
Blocked
OSSD
Beam state
*1.Refer to the following list "Connectable Safety Control Units" on
this page.
*2.The safety controller and the F3SG-RE must share the power
supply or be connected to the common terminal of the power
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com