Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 18Page - Omron Electronics LLC F3SG-R Datasheet HTML 19Page - Omron Electronics LLC F3SG-R Datasheet HTML 20Page - Omron Electronics LLC F3SG-R Datasheet HTML 21Page - Omron Electronics LLC F3SG-R Datasheet HTML 22Page - Omron Electronics LLC F3SG-R Datasheet HTML 23Page - Omron Electronics LLC F3SG-R Datasheet HTML 24Page - Omron Electronics LLC F3SG-R Datasheet HTML 25Page - Omron Electronics LLC F3SG-R Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 164 page
background image
F3SG-RA
22
Spatter Protection Cover (2 covers per set, one for emitter and one for receiver)
Spatter Protection Covers include mounting brackets.
For Safety Light Curtain models of the protective height of 2,000 mm or longer, use two Spatter Protection Covers of different lengths.
Note: 1. The operating range of the Safety Light Curtain attached with the product is 10% shorter than the rating.
2. The product extends over the DIP Switch cover of the Safety Light Curtain. Be sure to use the product only after all required settings are
made to the DIP Switch.
Test Rod
Appearance
Safety Light Curtain Model
Model
Finger protection
Hand and arm protection
F3SG-4RA0160-14
F3SG-4RA0190-30
F39-HGA0200
F3SG-4RA0240-14
F3SG-4RA0270-30
F39-HGA0280
F3SG-4RA0320-14
F3SG-4RA0350-30
F39-HGA0360
F3SG-4RA0400-14
F3SG-4RA0430-30
F39-HGA0440
F3SG-4RA0480-14
F3SG-4RA0510-30
F39-HGA0520
F3SG-4RA0560-14
F3SG-4RA0590-30
F39-HGA0600
F3SG-4RA0640-14
F3SG-4RA0670-30
F39-HGA0680
F3SG-4RA0720-14
F3SG-4RA0750-30
F39-HGA0760
F3SG-4RA0800-14
F3SG-4RA0830-30
F39-HGA0840
F3SG-4RA0880-14
F3SG-4RA0910-30
F39-HGA0920
F3SG-4RA0960-14
F3SG-4RA0990-30
F39-HGA1000
F3SG-4RA1040-14
F3SG-4RA1070-30
F39-HGA1080
F3SG-4RA1120-14
F3SG-4RA1150-30
F39-HGA1160
F3SG-4RA1200-14
F3SG-4RA1230-30
F39-HGA1240
F3SG-4RA1280-14
F3SG-4RA1310-30
F39-HGA1320
F3SG-4RA1360-14
F3SG-4RA1390-30
F39-HGA1400
F3SG-4RA1440-14
F3SG-4RA1470-30
F39-HGA1480
F3SG-4RA1520-14
F3SG-4RA1550-30
F39-HGA1560
F3SG-4RA1600-14
F3SG-4RA1630-30
F39-HGA1640
F3SG-4RA1680-14
F3SG-4RA1710-30
F39-HGA1720
F3SG-4RA1760-14
F3SG-4RA1790-30
F39-HGA1800
F3SG-4RA1840-14
F3SG-4RA1870-30
F39-HGA1880
F3SG-4RA1920-14
F3SG-4RA1950-30
F39-HGA1960
F3SG-4RA2000-14
F3SG-4RA2030-30
F39-HGA1480
F39-HGA0550
F3SG-4RA2080-14
F3SG-4RA2110-30
F39-HGA1560
F39-HGA0550
−
F3SG-4RA2190-30
F39-HGA1640
F39-HGA0550
−
F3SG-4RA2270-30
F39-HGA1720
F39-HGA0550
−
F3SG-4RA2350-30
F39-HGA1800
F39-HGA0550
−
F3SG-4RA2430-30
F39-HGA1880
F39-HGA0550
−
F3SG-4RA2510-30
F39-HGA1960
F39-HGA0550
Diameter
Model
14 mm dia.
F39-TRD14
30 mm dia.
F39-TRD30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com